Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
38/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.12 FramesXmtdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xDC
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
FramesXmtdOk
Frames Transmitted OK is a count of the number
of frames that are successfully transmitted.
FramesXmtdOk will wrap around to zero after
reaching 0xFFFFFFFF. See IEEE 802.3 Clause
30.3.1.1.2.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
FramesXmtdOk reaches a value of 0xC0000000.
FramesXmtdOk is enabled by writing a logic 1 to
the StatisticsEnable bit in the MACCtrl register,
and a logic 0 to the FramesXmtdOk bit within the
StatisticsMask register.
R/W
3.2.1.13 FrameTooLongErrors
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xC8
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
FrameTooLong-
Errors
Frame Too Long Errors is a count of frames
received whose length exceed the value in the
MaxFrameSize register. FrameTooLongErrors will
wrap around to zero after reaching 0xFFFF. See
IEEE 802.3 Clause 30.3.1.1.25.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
FrameTooLongErrors reaches a value of 0xC000.
FrameTooLongErrors is enabled by writing a logic
1 to the StatisticsEnable bit in the MACCtrl
register, and a logic 0 to the FrameTooLongErrors
bit within the StatisticsMask register.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com