Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
31/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.1
BcstFramesRcvdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xBC
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
BcstFramesRcvd
Ok
Broadcast Frames Received OK is the count of
the number of frames that are successfully
received with destination address equal to the
broadcast
address
(0xFFFFFFFFFFFF).
Bcst-FramesRcvdOk does not include frames
received with frames too long, FCS, length or
alignment errors, or frames lost due to internal
MAC
sublayer
error
(i.e.
overrun).
BcstFramesRcvdOk will wrap around to zero after
reaching
0xFFFF.
See
IEEE
802.3
Clause
30.3.1.1.22.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
BcstFramesRcvdOk reaches a value of 0xC000.
BcstFramesRcvdOk is enabled by writing a logic 1
to the StatisticsEnable bit in the MACCtrl register,
and a logic 0 to the BcstFramesRcvdOk bit within
the StatisticsMask register.
R/W
3.2.1.2
BcstFramesXmtdOk
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xF6
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
BcstFramesXmtd
Ok
Broadcast Frames Transmitted is the count of the
number
of
frames
that
are
successfully
transmitted
to
the
broadcast
address
(0xFFFFFFFFFFFF). Frames transmitted to other
multicast addresses are excluded from this
statistic. Bcst-FramesXmtdOk will wrap around to
zero after reaching 0xFFFF. See IEEE 802.3
Clause 30.3.1.1.19.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com