Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 65 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 65 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
65/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Light_off = 100 link down
Blink
= activity
LED1000N
Light_on = 1000 link up
Light_off = 1000 link down
Blink
= activity
LEDDPLXN
Light_on = Full duplex
Light_off= Half duplex
Blink
= Collision
LEDRXN
Light_on= 10 link up
Light_off= 10 link down
Blink
= activity
LEDTXN
Light_on= link up
Light_off= link down
Blink
= activity
Pin
LEDMode=3
LED10N,
LED100N
In LEDMode3, IP1000A LF uses bi-color LED to
display speed information.
{LED100,LED10}=
off,on = speed1000
on,off = speed100
off,off = speed10
LED1000N
Light_on = link up
Light_off = link down
LEDDPLXN
Light_on = Full duplex
Light_off= Half duplex
LEDRXN
Light_on= link up
Light_off= link down
Blink
= receiving
LEDTXN
Light_on= link up
Light_off= link down
Blink
= activity
2
LED_Stat_Mode
Reserved. Default setting as 0.
3
LED_Speed
The Bits decide LED Flashing Speed
0: Light: 20ms, Dark: 80ms(Slow)
1: Light: 40ms, Dark: 160ms(Fast)
4
DSPSetting
Default setting as 0.
5
DSPSetting
Default setting as 0.
6
DSPSetting
Default setting as 1.
15..7
Reserved
Reserved for future use.
3.2.3.8
StationAddress
Class............................. EEPROM Fields
I/O Base Address ......... 0x00, accessed via the EepromCtrl register
Address Offset .............. 0x10
Access Rule.................. Byte
Width ............................ 48 bits
Bit
BIT Name
BIT Description
47..0
StationAddress
Station Address. StationAddress corresponds to the StationAddress register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com