Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
39/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.14 InRangeLengthErrors
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xCA
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
InRangeLength
Errors
In Range Length Errors is a count of the number
of frames with the Length/Type field value
between the minimum unpadded MAC client data
size and the maximum allowed MAC client data
size, inclusive, that does not match the number of
MAC
client
data
octets
received.
InRangeLengthErrors also increments for frames
whose Length/Type field value is less than the
minimum allowed unpadded MAC client data size,
and the number of MAC client data octets
received is greater than the minimum unpadded
MAC client data size. InRangeLengthErrors will
wrap around to zero after reaching 0xFFFF. See
IEEE 802.3 Clause 30.3.1.1.23.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
InRangeLengthErrors reaches a value of 0xC000.
InRangeLengthErrors is enabled by writing a logic
1 to the StatisticsEnable bit in the MACCtrl
register, and a logic 0 to the InRangeLengthErrors
bit within the StatisticsMask register.
R/W
3.2.1.15 LateCollisions
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xE8
Default Value ................ 0x00000000
Access Rule.................. Double Word
Width ............................ 32 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
31..0
LateCollisions
Late Collisions is a count of the number of times
that a collision has been detected later than 1 slot
time into the transmitted frame. LateCollisions will
wrap around to zero after reaching 0xFFFFFFFF.
See IEEE 802.3 Clause 30.3.1.1.10.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com