Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
49/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
5
VGAPaletteSnoop VGA Palette Snoop. VGAPaletteSnoop controls
how VGA compatible graphics devices handle
accesses
to
VGA
palette
registers.
When
VGAPaletteSnoop is a logic 1, palette snooping is
enabled (i.e., the device does not respond to
palette reg-ister writes and snoops the data).
When VGAPaletteSnoop is a logic 0, the device
should treat palette write accesses like all other
accesses.
R
6
ParityErrorResponse Parity Error Response. When ParityErrorResponse
is a logic 1 the IP1000A LF responds to parity
errors as defined within the PCI specification.
When ParityErrorResponse is a logic 0, the
IP1000A LF ignores parity errors.
R/W
7
SteppingControl
Stepping Control. SteppingControl determines
whether or not a device does address/data
stepping. Devices that never do stepping must
hardwire SteppingControl to a logic 0. Devices
that
always
do
stepping
must
hardwire
SteppingControl to a logic 1.
R
8
SERREnable
System Error Enable. When SERREnable is a
logic 1, the SERRN signal is allowed to transition
as appropriate. When SERREnable is a logic 0,
the SERRN signal is a continuous logic 0.
R/W
9
FastBack-to-Back
Enable
Fast Back-to-Back Enable. FastBack-to-BackEnable
controls whether or not a master can do fast
back-to-back transactions to different devices.
Initialization software will set FastBack-to-Back-
Enable if all targets are fast back-to-back capable.
If Fast-Back-to-BackEnable is a logic 1, the master
is allowed to generate fast back-to-back transactions
to different agents. If FastBack-to-BackEnable is a
logic 0, fast back-to-back transactions are only
allowed to the same agent.
R
10
InterruptDisable
Interrupt Disable. InterruptDisable disables the
IP1000A
LF
from
asserting
INTAN.
If
InterruptDisable is a logic 0, the IP1000A LF may
assert the INTAN signal. If InterruptDisable is a
logic 1, the IP1000A LF may not assert the INTAN
signal.
R/W
15..11 Reserved
Reserved for future use. Write as zero, ignore on read.
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com