Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
48/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.2.4
ClassCode
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x09
Default Value ................ 0x020000
Access Rule.................. Byte
Width ............................ 24 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
23..0
ClassCode
Class Code. ClassCode identifies the general
function of the PCI device. A value of 0x020000
indicates an Ethernet network controller.
R
3.2.2.5
ConfigCommand
Class............................. PCI Configuration Registers
I/O Base Address ......... PCI device configuration header start
Address Offset .............. 0x04
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
ConfigCommand provides control over the IP1000A LF’s ability to generate and respond to PCI cycles.
When ConfigCommand is a logic 0, the IP1000A LF is logically disconnected from the PCI bus, except
for configuration cycles.
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
0
IoSpace
I/O Space. When IoSpace is a logic the IP1000A
LF can respond to I/ O space accesses (if the
IP1000A LF is in the D0 power state).
R/W
1
MemorySpace
Memory Space. When MemorySpace, and the
AddressDecodeEnable
bit
in
the
ExpRomBaseAddress register are both a logic 1,
and if the IP1000A LF is in the D0 power state, the
IP1000A LF is able to decode accesses to an
Expansion ROM (if present).
R/W
2
BusMaster
Bus Master. When BusMaster is a logic 1 the
IP1000A LF is able to initiate bus master cycles (if
the adapter is in the D0 power state).
R/W
3
SpecialCycles
Special Cycles. When SpecialCycles is a logic 0,
the
IP1000A LF
ignores
all
Special
Cycle
operations. When SpecialCycles is a logic 1, the
IP1000A LF can monitor Special Cycle operations.
R
4
MWlEnable
Memory Write and Invalidate Enable. When
MWlEnable is a logic 1 the IP1000A LF is
permitted to use the MWI command.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com