Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
23/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.1.1
Control Register (Reg0)
Class............................. PHY Registers
Access Method ............. Indirect access via PhyCtrl(Offset 0x76) registers
Register Address .......... 0x0
Default .......................... 0x1140
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
0.5:0
Reserved
RO
Always 0
0.6
Speed Selection
(MSB)
0.6
0.13
1
1
= Reserved
1
0
= 1000Mb/s
0
1
= 100Mb/s
0
0
= 10Mb/s
R/W
1
Update
0.7
Collision Teset
1 = Enable COL signal test
0 = Disable COL signal test
R/W
0
0
0.8
Duplex Mode
1 = Full duplex
0 = Half duplex
R/W
1
Update
0.9
Restart
Auto-NEG
1 = Restart Auto-Negotiation Process
0 = Normal operation
R/W
SC
0
SC
0.10
Isolate
1 = electrically Isolate PHY from MII or GMII
0 = normal operation
R/W
0
0
0.11
Power Down
1 = Power down
0 = Normal operation
R/W
0
0
0.12
Auto-Negotiation
Enable
1 = Enable Auto-Negotiation Process
0 = Disable Auto-Negotiation Process
R/W
1
Update
0.13
Speed Selection
(LSB)
0.6
0.13
1
1
= Reserved
1
0
= 1000Mb/s
0
1
= 100Mb/s
0
0
= 10Mb/s
R/W
0
Update
0.14
Loopback
1 = enable loopback mode
0 = disable loopback mode
R/W
0
0
0.15
Software Reset
1 = PHY software reset
0 = normal operation
R/W
SC
0
0 (SC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com