Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
29/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
10.11
Link Partner
1000BASE-T Full
Duplex Capability
1 = Link Partner is capable of 1000BASE-T full
duplex
0 = Link Partner is not capable of 1000BASE-T full
duplex
RO
0
0
10.12
Remote Receiver
Status
1 = Remote Receiver OK
0 = Remote Receiver Not OK
RO
0
0
10.13
Local Receiver
Status
1 = Local Receiver OK
0 = Local Receiver Not OK
RO
0
0
10.14
MASTER/SLAVE
Configuration
Resolution
1 = Local PHY configuration resolved to MASTER
0 = Local PHY configuration resolved to SLAVE
RO
0
0
10.15
MASTER/SLAVE
Configuration
Fault
1 = MASTER/SLAVE configuration fault detected
0 = No MASTER/SLAVE configuration fault detected
RO
LH
SC
0
0
3.1.12
Extended Status Register (Reg15)
Class............................. PHY Registers
Access Method ............. Indirect access via PhyCtrl(Offset 0x76) registers
Register Address .......... 0xF
Default .......................... 0xC000
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15.11:0 Reserved
Ignore when read
RO
0x000
0x000
15.12
1000BASE-T Half
Duplex
1 =PHY able to perform half duplex 1000BASE-T
0 =PHY not able to perform half duplex 1000BASE-T
RO
1
1
15.13
1000BASE-T Full
Duplex
1 =PHY able to perform full duplex 1000BASE-T
0 =PHY not able to perform full duplex 1000BASE-T
RO
1
1
15.14
1000BASE-X Half
Duplex
1 =PHY able to perform half duplex 1000BASE-X
0 =PHY not able to perform half duplex 1000BASE-X
RO
0
0
15.15
1000BASE-X Full
Duplex
1 =PHY able to perform full duplex 1000BASE-X
0 =PHY not able to perform full duplex 1000BASE-X
RO
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com