Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 2Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
6/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
1
PIN Description
Pin no.
Label
Type
Description
Medium Interface
36, 37, 41,
42, 50, 51,
55, 56
TP_MDI [3:0]+/-
I/O
Twisted- Pair Media Dependent Interface [3:0]
In 1000BASE-T mode, all 4 pairs are both input and output at
the same time. In 100BASE-TX and 10BASE-T mode, one
pair of TP_MDI [1:0]+/- is used for transmit pair and the other
is used for receive pair. TP_MDI [3:2]+/- are unused in
100BASE-TX and 10BASE-T mode.
Analog misc
48
HSDAC_P
O
Test Pin
Left floating
8
CTRL_REGD
O
Digital Regulator Control.
Regulator control to generate 1.8V supply.
45
CTRL_REGA
O
Analog Regulator Control.
Regulator control to generate 1.8V supply.
34
RSET
I
Reference.
External 6.2 k
Ωresistor connection as bandgap resistor.
LED
17
LED_LINK10N
EESK
O
O
LINK 10Mb/s LED.
10BASE-T
Link
Indicator.
This
pin
is
shared
with
EEPROM/serial ROM clock
18
LED_LINK100N
EEDI
O
O
LINK 100Mb/s LED.
100Mb/s
Link
Indicator.
This
pin
is
shared
with
EEPROM/serial ROM Data Input
14
LED_LINK1000N
O
LI
LINK 1000Mb/s LED.
22
LED_DUPLEXN
EEDO
O
I
Duplex LED.
Duplex or Duplex/Collision indicator. This pin is shared with the
output from EEPROM/serial ROM
21
LED_RXN
BootRom_HOLD
O
Receive LED.
Receive Activity.
shared pin of output to serial Rom for HOLD
16
LED_TXN
BootRom_WEN
O
Transmit LED.
Transmit Activity.
shared pin of output to serial Rom for write enable(active low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com