Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
35/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
3.2.1.7
FramesCheckSeqErrors
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xCC
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
FramesCheckSeq
Errors
Frame Check Sequence Errors is a count of
received frames that are an integral number of
octets in length and do not pass the FCS check.
This does not include frames received with
frame-too-long, or frame-too-short (runt) errors.
FramesCheck-SeqErrors will wrap around to zero
after reaching 0xFFFF. See IEEE 802.3 Clause
30.3.1.1.6.
An UpdateStats interrupt (UpdateStats bit within
the
IntStatus
register)
will
occur
when
FramesCheckSeqErrors
reaches
a
value
of
0xC000. FramesCheckSeqErrors is enabled by
writing a logic 1 to the StatisticsEnable bit in the
MACCtrl
register,
and
a
logic
0
to
the
FramesCheckSeqErrors
bit
within
the
StatisticsMask register.
R/W
3.2.1.8
FramesLostRxErrors
Class............................. Ethernet MIB Statistics
I/O Base Address ......... IoBaseAddress register value
Memory Base Address . MemBaseAddress register value
Address Offset .............. 0xCE
Default Value ................ 0x0000
Access Rule.................. Word
Width ............................ 16 bits
Bit
BIT Name
BIT Description
Type
HW
Reset
SW
Reset
15..0
FramesLostRx-
Errors
Frames Lost Due to Receive Errors is a count of
the number of frames that should have been
received (the destination address matched the
filter criteria) but experienced a receive FIFO
overrun error (the receive FIFO does not have
enough free space to store the received data).
FramesLostRxErrors only includes overruns that
become apparent to the host system, and does
not include frames that are completely ignored
due to a completely full receive FIFO at the
beginning
of
frame
reception.
FramesLostRxErrors will wrap around to zero
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com