Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1000ALF Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP1000ALF
Description  Gigabit Ethernet NIC Single Chip
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1000ALF Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP1000ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP1000ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
IP1000A LF
Preliminary Data Sheet
67/75
July 5, 2005
Copyright © 2005, IC Plus Corp.
IP1000A LF-DS-R08
1000Mb Slave
1000Mb D0 static
0.445A
0.197A
0.18A
0.02A
0.07A
2.05W
1000Mb D0 dynamic
0.449A
0.197A
0.18A
0.03A
0.07A
2.06W
100Mb
100Mb D0 static
0.105A
0.048A
0.05A
0.03A
0.03A
0.64W
100Mb D0 dynamic
0.108A
0.048A
0.05A
0.03A
0.03A
0.64W
10Mb
10Mb D0 static
0.037A
0.000A
0.10A
0.03A
0.04A
0.63W
10Mb D0 dynamic
0.037A
0.000A
0.10A
0.03A
0.04A
0.63W
No Link
D0
0.100A
0.101A
0.10A
0.03A
0.04A
0.92W
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
I/O Electrical Characteristics
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
2.0
V
Output Low Voltage
VOL
0.4
V
IOH=4mA, VCC_O_x=3.3V
Output High Voltage
VOH
2.4
V
IOL=4mA, VCC_O_x=3.3V
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VCCH
3.3V power supply voltage
3.0
3.6
V
VCCL
1.8V power supply voltage
1.73
1.89
V
TTL I/O
VIH
Input high voltage(PCI Input Buffer
5V signalling)
2
V
VIL
Input low voltage
0.8
V
IIN
Input High leakage current
VIN=2.7V
10
µA
IIN
Input Low leakage current
VIN=0.5V
-10
µA
VOH
Output high voltage
IOH=-2mA
2.4
V
VOH
TTL Output high voltage
IOH=-4mA
2.4
V
VOL
TTL Output low voltage
IOL=4mA
0.4
V
VOL
PCI Output low voltage
IOL=3mA
0.55
V
IOTS
Output tri-state leakage
±10
µA
TABLE 6-1 : DC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com