Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 16Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 17Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 18Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 19Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 20Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 21Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 22Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 23Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
19
www.national.com
MDIO bus in a system must have a unique physical
address.
The DP83849C supports PHY Address strapping of Port A
to even values 0 (<0000_0>) through 30 (<1111_0>). Port
B is strapped to odd values 1 (<0000_1>) through 31
(<1111_1>). Note that Port B address is always 1 greater
than Port A address.
For further detail relating to the latch-in timing requirements
of the PHY Address pins, as well as the other hardware
configuration pins, refer to the Reset summary in
Section 6.0.
Refer to Figure 2 for an example of a PHYAD connection to
external components. In this example, the PHYAD strap-
ping results in address 00010 (02h) for Port A and address
00011 (03h) for Port B.
2.3.1 MII Isolate Mode
The DP83849C can be put into MII Isolate mode by writing
to bit 10 of the BMCR register.
When in the MII isolate mode, the DP83849C does not
respond to packet data present at TXD[3:0], TX_EN inputs
and presents a high impedance on the TX_CLK, RX_CLK,
RX_DV, RX_ER, RXD[3:0], COL, and CRS outputs. When
in Isolate mode, the DP83849C will continue to respond to
all management transactions.
While in Isolate mode, the PMD output pair will not transmit
packet data but will continue to source 100BASE-TX
scrambled idles or 10BASE-T normal link pulses.
The DP83849C can Auto-Negotiate or parallel detect to a
specific technology depending on the receive signal at the
PMD input pair. A valid link can be established for the
receiver even when the DP83849C is in Isolate mode.
Figure 2. PHYAD Strapping Example
VCC
PHYAD1 = 1
PHYAD2 = 0
PHYAD3 = 0
PHYAD4= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com