Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 28Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 29Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 30Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 31Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 32Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 33Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 34Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 35Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
31
www.national.com
4.2.2.2 Base Line Wander Compensation
The DP83849C is completely ANSI TP-PMD compliant and
includes Base Line Wander (BLW) compensation. The
BLW compensation block can successfully recover the TP-
PMD defined “killer” pattern.
BLW can generally be defined as the change in the aver-
age DC content, relatively short period over time, of an AC
coupled digital transmission over a given transmission
medium. (i.e., copper wire).
BLW results from the interaction between the low fre-
quency components of a transmitted bit stream and the fre-
quency response of the AC coupling component(s) within
the transmission system. If the low frequency content of
the digital bit stream goes below the low frequency pole of
the AC coupling transformers then the droop characteris-
tics of the transformers will dominate resulting in potentially
serious BLW.
The digital oscilloscope plot provided in Figure 10 illus-
trates the severity of the BLW event that can theoretically
be generated during 100BASE-TX packet transmission.
This event consists of approximately 800 mV of DC offset
for a period of 120
µs. Left uncompensated, events such as
this can cause packet loss.
4.2.3 Signal Detect
The signal detect function of the DP83849C is incorporated
to meet the specifications mandated by the ANSI FDDI TP-
PMD Standard as well as the IEEE 802.3 100BASE-TX
Standard for both voltage thresholds and timing parame-
ters.
Note that the reception of normal 10BASE-T link pulses
and fast link pulses per IEEE 802.3u Auto-Negotiation by
the 100BASE-TX receiver do not cause the DP83849C to
assert signal detect.
4.2.4 MLT-3 to NRZI Decoder
The DP83849C decodes the MLT-3 information from the
Digital Adaptive Equalizer block to binary NRZI data.
4.2.5 NRZI to NRZ
In a typical application, the NRZI to NRZ decoder is
required in order to present NRZ formatted data to the
descrambler.
4.2.6 Serial to Parallel
The 100BASE-TX receiver includes a Serial to Parallel
converter which supplies 5-bit wide data symbols to the
PCS Rx state machine.
Figure 10. 100BASE-TX BLW Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com