Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 68 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 68 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
67
www.national.com
8
LOOPBACK_10_DIS
0, RW
10Base-T Loopback Disable:
In half-duplex mode, default 10BASE-T operation loops Transmit
data to the Receive data in addition to transmitting the data on the
physical medium. This is for consistency with earlier 10BASE2 and
10BASE5 implementations which used a shared medium. Setting
this bit disables the loopback function.
This bit does not affect loopback due to setting BMCR[14].
7
LP_DIS
0, RW
Normal Link Pulse Disable:
1 = Transmission of NLPs is disabled.
0 = Transmission of NLPs is enabled.
6
FORCE_LINK_10
0, RW
Force 10Mb Good Link:
1 = Forced Good 10Mb Link.
0 = Normal Link Status.
5
RESERVED
0, RW
RESERVED:
Must be zero.
4
POLARITY
RO/LH
10Mb Polarity Status:
This bit is a duplication of bit 12 in the PHYSTS register. Both bits
will be cleared upon a read of 10BTSCR register, but not upon a
read of the PHYSTS register.
1 = Inverted Polarity detected.
0 = Correct Polarity detected.
3
RESERVED
0, RW
RESERVED:
Must be zero.
2
RESERVED
1, RW
RESERVED:
Must be set to one.
1
HEARTBEAT_DIS
0, RW
Heartbeat Disable: This bit only has influence in half-duplex 10Mb
mode.
1 = Heartbeat function disabled.
0 = Heartbeat function enabled.
When the device is operating at 100Mb or configured for full
duplex operation, this bit will be ignored - the heartbeat func-
tion is disabled.
0
JABBER_DIS
0, RW
Jabber Disable:
Applicable only in 10BASE-T.
1 = Jabber function disabled.
0 = Jabber function enabled.
Table 39. 10Base-T Status/Control Register (10BTSCR), address 1Ah (Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com