Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 63 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 59Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
www.national.com
62
8
SD_OPTION
1, RW
Signal Detect Option:
1 = Default operation. Link will be asserted following detection of
valid signal level and Descrambler Lock. Link will be maintained as
long as signal level is valid. A loss of Descrambler Lock will not
cause Link Status to drop.
0 = Modified signal detect algorithm. Link will be asserted following
detection of valid signal level and Descrambler Lock. Link will be
maintained as long as signal level is valid and Descrambler re-
mains locked.
7
DESC_TIME
0, RW
Descrambler Timeout:
Increase the descrambler timeout. When set this should allow the
device to receive larger packets (>9k bytes) without loss of syn-
chronization.
1 = 2ms
0 = 722us (per ANSI X3.263: 1995 (TP-PMD) 7.2.3.3e)
6
RESERVED
0, RO
RESERVED:
Must be zero.
5
FORCE_100_OK
0, RW
Force 100Mb/s Good Link:
1 = Forces 100Mb/s Good Link.
0 = Normal 100Mb/s operation.
4:3
RESERVED
0,RO
RESERVED:
Must be zero
2
NRZI_BYPASS
0, RW
NRZI Bypass Enable:
1 = NRZI Bypass Enabled.
0 = NRZI Bypass Disabled.
1:0
RESERVED
0,RO
RESERVED:
Must be zero.
Table 35. 100 Mb/s PCS Configuration and Status Register (PCSR), address 16h (Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com