Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 84 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 84 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 80Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 81Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 86Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 87Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
83
www.national.com
8.2.8 100BASE-TX Transmit Timing (tR/F & Jitter)
Note: Normal Mismatch is the difference between the maximum and minimum of all rise and fall times
Note: Rise and fall times taken at 10% and 90% of the +1 or -1 amplitude
Parameter
Description
Notes
Min
Typ
Max
Units
T2.8.1
100 Mb/s PMD Output Pair tR
and tF
3
4
5
ns
100 Mb/s tR and tF Mismatch
500
ps
T2.8.2
100 Mb/s PMD Output Pair
Transmit Jitter
1.4
ns
PMD Output Pair
T2.8.1
T2.8.1
T2.8.1
T2.8.1
+1 rise
+1 fall
-1 fall
-1 rise
eye pattern
T2.8.2
T2.8.2
90%
10%
10%
90%
PMD Output Pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com