Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 31Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 32Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 33Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 34Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 35Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 36Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 37Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 38Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
www.national.com
34
4.3.3 Collision Detection and SQE
When in Half Duplex, a 10BASE-T collision is detected
when the receive and transmit channels are active simulta-
neously. Collisions are reported by the COL signal on the
MII. Collisions are also reported when a jabber condition is
detected.
The COL signal remains set for the duration of the collision.
If the PHY is receiving when a collision is detected it is
reported immediately (through the COL pin).
When heartbeat is enabled, approximately 1
µs after the
transmission of each packet, a Signal Quality Error (SQE)
signal of approximately 10-bit times is generated to indi-
cate successful transmission. SQE is reported as a pulse
on the COL signal of the MII.
The SQE test is inhibited when the PHY is set in full duplex
mode. SQE can also be inhibited by setting the
HEARTBEAT_DIS bit in the 10BTSCR register.
4.3.4 Carrier Sense
Carrier Sense (CRS) may be asserted due to receive activ-
ity once valid data is detected via the squelch function.
For 10 Mb/s Half Duplex operation, CRS is asserted during
either packet transmission or reception.
For 10 Mb/s Full Duplex operation, CRS is asserted only
during receive activity.
CRS is deasserted following an end of packet.
4.3.5 Normal Link Pulse Detection/Generation
The link pulse generator produces pulses as defined in the
IEEE 802.3 10BASE-T standard. Each link pulse is nomi-
nally 100 ns in duration and transmitted every 16 ms in the
absence of transmit data.
Link pulses are used to check the integrity of the connec-
tion with the remote end. If valid link pulses are not
received, the link detector disables the 10BASE-T twisted
pair transmitter, receiver and collision detection functions.
When
the
link
integrity
function
is
disabled
(FORCE_LINK_10 of the 10BTSCR register), a good link is
forced and the 10BASE-T transceiver will operate regard-
less of the presence of link pulses.
4.3.6 Jabber Function
The jabber function monitors the DP83849C's output and
disables the transmitter if it attempts to transmit a packet of
longer than legal size. A jabber timer monitors the transmit-
ter and disables the transmission if the transmitter is active
for approximately 85 ms.
Once disabled by the Jabber function, the transmitter stays
disabled for the entire time that the ENDEC module's inter-
nal transmit enable is asserted. This signal has to be de-
asserted for approximately 500 ms (the “unjab” time)
before the Jabber function re-enables the transmit outputs.
The Jabber function is only relevant in 10BASE-T mode.
4.3.7 Automatic Link Polarity Detection and Correction
The DP83849C's 10BASE-T transceiver module incorpo-
rates an automatic link polarity detection circuit. When
three consecutive inverted link pulses are received, bad
polarity is reported.
A polarity reversal can be caused by a wiring error at either
end of the cable, usually at the Main Distribution Frame
(MDF) or patch panel in the wiring closet.
The bad polarity condition is latched in the 10BTSCR regis-
ter. The DP83849C's 10BASE-T transceiver module cor-
rects for this error internally and will continue to decode
received data correctly. This eliminates the need to correct
the wiring error immediately.
4.3.8 Transmit and Receive Filtering
External 10BASE-T filters are not required when using the
DP83849C, as the required signal conditioning is inte-
grated into the device.
Only isolation transformers and impedance matching resis-
tors are required for the 10BASE-T transmit and receive
interface. The internal transmit filtering ensures that all the
harmonics in the transmit signal are attenuated by at least
30 dB.
4.3.9 Transmitter
The encoder begins operation when the Transmit Enable
input (TX_EN) goes high and converts NRZ data to pre-
emphasized Manchester data for the transceiver. For the
duration of TX_EN, the serialized Transmit Data (TXD) is
encoded for the transmit-driver pair (PMD Output Pair).
TXD must be valid on the rising edge of Transmit Clock
(TX_CLK). Transmission ends when TX_EN deasserts.
The last transition is always positive; it occurs at the center
of the bit cell if the last bit is a one, or at the end of the bit
cell if the last bit is a zero.
4.3.10 Receiver
The decoder detects the end of a frame when no additional
mid-bit transitions are detected. Within one and a half bit
times after the last bit, carrier sense is de-asserted.
Receive clock stays active for five more bit times after CRS
goes low, to guarantee the receive timings of the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com