Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 61 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 61 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 57Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 58Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 59Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
www.national.com
60
7.1.13 Page Select Register (PAGESEL)
This register is used to enable access to the Link Diagnostics Registers.
11
DUP_INT
0, RO/COR
Change of duplex status interrupt:
1 = Duplex status change interrupt is pending and is cleared by
the current read.
0 = No duplex status change interrupt pending.
10
ANC_INT
0, RO/COR
Auto-Negotiation Complete interrupt:
1 = Auto-negotiation complete interrupt is pending and is cleared
by the current read.
0 = No Auto-negotiation complete interrupt pending.
9
FHF_INT
0, RO/COR
False Carrier Counter half-full interrupt:
1 = False carrier counter half-full interrupt is pending and is
cleared by the current read.
0 = No false carrier counter half-full interrupt pending.
8
RHF_INT
0, RO/COR
Receive Error Counter half-full interrupt:
1 = Receive error counter half-full interrupt is pending and is
cleared by the current read.
0 = No receive error carrier counter half-full interrupt pending.
7
LQ_INT_EN
0, RW
Enable Interrupt on Link Quality Monitor event
6
ED_INT_EN
0, RW
Enable Interrupt on energy detect event
5
LINK_INT_EN
0, RW
Enable Interrupt on change of link status
4
SPD_INT_EN
0, RW
Enable Interrupt on change of speed status
3
DUP_INT_EN
0, RW
Enable Interrupt on change of duplex status
2
ANC_INT_EN
0, RW
Enable Interrupt on Auto-negotiation complete event
1
FHF_INT_EN
0, RW
Enable Interrupt on False Carrier Counter Register half-full event
0
RHF_INT_EN
0, RW
Enable Interrupt on Receive Error Counter Register half-full event
Table 32. Page Select Register (PAGESEL), address 13h
Bit
Bit Name
Default
Description
15:2
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
1:0
PAGE_SEL
0, RW
Page_Sel Bit:
Selects between paged registers for address 14h to 1Fh.
0 = Extended Registers Page 0
1 = RESERVED
2 = Link Diagnostics Registers Page 2
Table 31. MII Interrupt Status and Misc. Control Register (MISR), address 12h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com