Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 62 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 62 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 58Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 59Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 100 page
background image
61
www.national.com
7.2 Extended Registers - Page 0
7.2.1 False Carrier Sense Counter Register (FCSCR)
This counter provides information required to implement the “False Carriers” attribute within the MAU managed object
class of Clause 30 of the IEEE 802.3u specification.
7.2.2 Receiver Error Counter Register (RECR)
This counter provides information required to implement the “Symbol Error During Carrier” attribute within the PHY man-
aged object class of Clause 30 of the IEEE 802.3u specification.
7.2.3 100 Mb/s PCS Configuration and Status Register (PCSR)
This register contains control and status information for the 100BASE Physical Coding Sublayer.
Table 33. False Carrier Sense Counter Register (FCSCR), address 14h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
7:0
FCSCNT[7:0]
0, RO/COR
False Carrier Event Counter:
This 8-bit counter increments on every false carrier event. This
counter sticks when it reaches its max count (FFh).
Table 34. Receiver Error Counter Register (RECR), address 15h
Bit
Bit Name
Default
Description
15:8
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
7:0
RXERCNT[7:0]
0, RO/COR
RX_ER Counter:
When a valid carrier is present and there is at least one occurrence
of an invalid data symbol, this 8-bit counter increments for each re-
ceive error detected. This event can increment only once per valid
carrier event. If a collision is present, the attribute will not incre-
ment. The counter sticks when it reaches its max count.
Table 35. 100 Mb/s PCS Configuration and Status Register (PCSR), address 16h
Bit
Bit Name
Default
Description
15:12
RESERVED
<00>, RO
RESERVED: Writes ignored, Read as 0.
11
FREE_CLK
0, RW
Receive Clock:
1 = RX_CLK is free-running
0 = RX_CLK phase adjusted based on alignment
10
TQ_EN
0, RW
100Mbs True Quiet Mode Enable:
1 = Transmit True Quiet Mode.
0 = Normal Transmit Mode.
9
SD FORCE PMA
0,RW
Signal Detect Force PMA:
1 = Forces Signal Detection in PMA.
0 = Normal SD operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com