Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 64 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 64 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 60Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
63
www.national.com
7.2.4 RMII and Bypass Register (RBR)
This register configures the RMII/MII Interface Mode of operation. This register controls selecting MII or RMII mode for
Receive or Transmit. In addition, several additional bits are included to allow datapath selection for Transmit and Receive
in multiport applications.
Table 36. RMII and Bypass Register (RBR), addresses 17h
Bit
Bit Name
Default
Description
15
SIM_WRITE
0, RW
Simultaneous Write:
Setting this bit in port A register space enables simultaneous write
to Phy registers in both ports. Subsequent writes to port A registers
will write to registers in both ports A and B.
1 = Simultaneous writes to both ports
0 = Per-port write
14
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
13
DIS_TX_OPT
0, RW
Disable RMII TX Latency Optimization:
Normally the RMII Transmitter will minimize the transmit latency by
realigning the transmit clock with the Reference clock phase at the
start of a packet transmission. Setting this bit will disable Phase re-
alignment and ensure that IDLE bits will always be sent in multiples
of the symbol size. This will result in a larger uncertainty in RMII
transmit latency.
12:9
RESERVED
0
RESERVED:
Must be zero
8
PMD_LOOP
0, RW
PMD Loopback:
0= Normal Operation
1= Remote (PMD) Loopback
Setting this bit will cause the device to Loopback data received
from the Physical Layer. The loopback is done prior to the MII or
RMII interface. Data received at the internal MII or RMII interface
will be applied to the transmitter. This mode should only be used if
RMII mode is enabled.
7:6
RESERVED
0
RESERVED:
Must be zero
5
RMII_MODE
Strap, RW
Reduced MII Mode:
0 = Standard MII Mode
1 = Reduced MII Mode
4
RMII_REV1_0
0, RW
Reduced MII Revision 1.0:
0 = (RMII revision 1.2) CRS_DV will toggle at the end of a packet
to indicate deassertion of CRS.
1 = (RMII revision 1.0) CRS_DV will remain asserted until final data
is transferred. CRS_DV will not toggle at the end of a packet.
3
RX_OVF_STS
0, RO/COR
RX FIFO Over Flow Status:
0 = Normal
1 = Overflow detected
2
RX_UNF_STS
0, RO/COR
RX FIFO Under Flow Status:
0 = Normal
1 = Underflow detected
1:0
ELAST_BUF[1:0]
01, RW
Receive Elasticity Buffer:
This field controls the Receive Elasticity Buffer which allows for fre-
quency variation tolerance between the 50MHz RMII clock and the
recovered data. See Section 3.2 for more information on Elasticity
Buffer settings in RMII mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com