Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 70 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 70 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
69
www.national.com
7.2.10 Energy Detect Control (EDCR)
This register provides control and status for the Energy Detect function.
Table 42. Energy Detect Control (EDCR), address 1Dh
Bit
Bit Name
Default
Description
15
ED_EN
Strap, RW
Energy Detect Enable:
Allow Energy Detect Mode.
When Energy Detect is enabled and Auto-Negotiation is disabled
via the BMCR register, Auto-MDIX should be disabled via the PHY-
CR register.
14
ED_AUTO_UP
1, RW
Energy Detect Automatic Power Up:
Automatically begin power up sequence when Energy Detect Data
Threshold value (EDCR[3:0]) is reached. Alternatively, device
could be powered up manually using the ED_MAN bit (ECDR[12]).
13
ED_AUTO_DOWN
1, RW
Energy Detect Automatic Power Down:
Automatically begin power down sequence when no energy is de-
tected. Alternatively, device could be powered down using the
ED_MAN bit (EDCR[12]).
12
ED_MAN
0, RW/SC
Energy Detect Manual Power Up/Down:
Begin power up/down sequence when this bit is asserted. When
set, the Energy Detect algorithm will initiate a change of Energy De-
tect state regardless of threshold (error or data) and timer values.
In managed applications, this bit can be set after clearing the Ener-
gy Detect interrupt to control the timing of changing the power
state.
11
ED_BURST_DIS
0, RW
Energy Detect Burst Disable:
Disable bursting of energy detect data pulses. By default, Energy
Detect (ED) transmits a burst of 4 ED data pulses each time the CD
is powered up. When bursting is disabled, only a single ED data
pulse will be send each time the CD is powered up.
10
ED_PWR_STATE
0, RO
Energy Detect Power State:
Indicates current Energy Detect Power state. When set, Energy
Detect is in the powered up state. When cleared, Energy Detect is
in the powered down state. This bit is invalid when Energy Detect
is not enabled.
9
ED_ERR_MET
0, RO/COR
Energy Detect Error Threshold Met:
No action is automatically taken upon receipt of error events. This
bit is informational only and would be cleared on a read.
8
ED_DATA_MET
0, RO/COR
Energy Detect Data Threshold Met:
The number of data events that occurred met or surpassed the En-
ergy Detect Data Threshold. This bit is cleared on a read.
7:4
ED_ERR_COUNT
0001, RW
Energy Detect Error Threshold:
Threshold to determine the number of energy detect error events
that should cause the device to take action. Intended to allow aver-
aging of noise that may be on the line. Counter will reset after ap-
proximately 2 seconds without any energy detect data events.
3:0
ED_DATA_COUNT
0001, RW
Energy Detect Data Threshold:
Threshold to determine the number of energy detect events that
should cause the device to take actions. Intended to allow averag-
ing of noise that may be on the line. Counter will reset after approx-
imately 2 seconds without any energy detect data events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com