Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 74 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 70Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 71Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 72Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 75Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 76Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 77Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
73
www.national.com
7.3.7 Variance Control Register (VAR_CTRL), Page 2, address 1Ah
The Variance Control and Data Registers provide control and status for the Cable Signal Quality Estimation function.
The Cable Signal Quality Estimation allows a simple method of determining an approximate Signal-to-Noise Ratio for the
100Mb receiver. This register contains the programmable controls and status bits for the variance computation, which
can be used to make a simple Signal-to-Noise Ratio estimation.
7.3.8 Variance Data Register (VAR_DATA), Page 2, address 1Bh
This register contains the 32-bit Variance Sum. The contents of the data are valid only when VAR_RDY is asserted in the
VAR_CTRL register. Upon detection of VAR_RDY asserted, software should set the VAR_FREEZE bit in the VAR_CTRL
register to prevent loading of a new value into the VAR_DATA register. Since the Variance Data value is 32-bits, two
reads of this register are required to get the full value.
Table 49. Variance Control Register (VAR_CTRL), address 1Ah
Bit
Bit Name
Default
Description
15
VAR_RDY
0, RO
Variance Data Ready Status:
Indicates new data is available in the Variance data register. This
bit will be automatically cleared after two consecutive reads ot
VAR_DATA.
14:4
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
3
VAR_FREEZE
0, RW
Freeze Variance Registers:
Freeze VAR_DATA register.
This bit is ensures that VAR_DATA register is frozen for software
reads. This bit is automatically cleared after two consecutive reads
of VAR_DATA.
2:1
VAR_TIMER
0, RW
Variance Computation Timer (in ms):
Selects the Variance computation timer period. After a new value
is written, computation is automatically restarted. New variance
register values are loaded after the timer elapses.
Var_Timer = 0 => 2 ms timer (default)
Var_Timer = 1 => 4 ms timer
Var_Timer = 2 => 6 ms timer
Var_Timer = 3 => 8 ms timer
Time units are actually 217 cycles of an 8ns clock, or 1.048576ms.
0
VAR_ENABLE
0, RW
Variance Enable:
Enable Variance computation. Off by default.
Table 50. Variance Data Register (VAR_DATA), address 1Bh
Bit
Bit Name
Default
Description
15:0
VAR_DATA
0, RO
Variance Data:
Two reads are required to return the full 32-bit Variance Sum value.
Following setting the VAR_FREEZE control, the first read of this
register will return the low 16 bits of the Variance data. A second
read will return the high 16 bits of Variance data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com