Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 77 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 77 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 73Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 74Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 75Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 76Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 77Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 78Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 79Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 80Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
www.national.com
76
8.0 Electrical Specifications
Note: All parameters are guaranteed by test, statistical
analysis or design.
Absolute Maximum Ratings
Recommended Operating Conditions
Absolute maximum ratings are those values beyond which
the safety of the device cannot be guaranteed. They are
not meant to imply that the device should be operated at
these limits.
8.1 DC Specs
Supply Voltage (VCC)
-0.5 V to 4.2 V
DC Input Voltage (VIN)
-0.5V to VCC + 0.5V
DC Output Voltage (VOUT)
-0.5V to VCC + 0.5V
Storage Temperature (TSTG)
-65oC to 150°C
Lead Temp. (TL)
(Soldering, 10 sec.)
260 °C
ESD Rating
(RZAP = 1.5k, CZAP = 100 pF)
4.0 kV
Supply voltage (VCC)
3.3 Volts + .3V
Commercial - Ambient Temperature (TA)
0 to 70 °C
Power Dissipation (PD)
594 mW
Thermal Characteristic
Max
Units
Maximum Case Temperature @ 1.0 W
98
°C
Theta Junction to Case (Tjc) @ 1.0 W
17.3
°C / W
Theta Junction to Ambient (Tja) degrees Celsius/Watt - No Airflow @ 1.0 W
53
°C / W
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
Input High Voltage Nominal VCC
2.0
V
VIL
I
I/O
Input Low Voltage
0.8
V
IIH
I
I/O
Input High Current VIN = VCC
10
µA
IIL
I
I/O
Input Low Current VIN = GND
10
µA
VOL
O,
I/O
Output Low
Voltage
IOL = 4 mA
0.4
V
VOH
O,
I/O
Output High
Voltage
IOH = -4 mA
Vcc - 0.5
V
IOZ
I/O,
O
TRI-STATE
Leakage
VOUT = VCC
+ 10
µA
VTPTD_100 PMD Output
Pair
100M Transmit
Voltage
0.95
1
1.05
V
VTPTDsym
PMD Output
Pair
100M Transmit
Voltage Symmetry
+ 2
%
VTPTD_10
PMD Output
Pair
10M Transmit
Voltage
2.2
2.5
2.8
V
CIN1
I
CMOS Input
Capacitance
8
pF
COUT1
O
CMOS Output
Capacitance
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com