Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 82 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 82 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 78Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 79Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 80Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 81Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 82Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 83Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 84Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 85Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
81
www.national.com
8.2.5 100 Mb/s MII Receive Timing
Note: RX_CLK may be held low or high for a longer period of time during transition between reference and recovered
clocks. Minimum high and low times will not be violated.
8.2.6 100BASE-TX MII Transmit Packet Latency Timing
Note: For Normal mode, latency is determined by measuring the time from the first rising edge of TX_CLK occurring after
the assertion of TX_EN to the first bit of the “J” code group as output from the PMD Output Pair. 1 bit time = 10 ns in 100
Mb/s mode.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.5.1
RX_CLK High/Low Time
100 Mb/s Normal mode
16
20
24
ns
T2.5.2
RX_CLK to RXD[3:0], RX_DV, RX_ER Delay 100 Mb/s Normal mode
10
30
ns
Parameter
Description
Notes
Min
Typ
Max
Units
T2.6.1
TX_CLK to PMD Output Pair
Latency
100BASE-TX mode
5
bits
RX_CLK
RXD[3:0]
RX_DV
T2.5.2
T2.5.1
T2.5.1
Valid Data
RX_ER
TX_CLK
TX_EN
TXD
PMD Output Pair
(J/K)
IDLE
DATA
T2.6.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com