Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 8Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 9Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 10Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 13Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 14Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 15Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 100 page
background image
11
www.national.com
1.3 Clock Interface
1.4 LED Interface
The DP83849C supports three configurable LED pins. The
LEDs support two operational modes which are selected
by the LED mode strap and a third operational mode which
is register configurable. The definitions for the LEDs for
each mode are detailed below. Since the LEDs are also
used as strap options, the polarity of the LED output is
dependent on whether the pin is pulled up or down.
Signal Name
Type
Pin #
Description
X1
I
70
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock
reference input for the DP83849C and must be connected to a 25
MHz 0.005% (+50 ppm) clock source. The DP83849C supports
either an external crystal resonator connected across pins X1 and
X2, or an external CMOS-level oscillator source connected to pin
X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock refer-
ence input for the RMII mode and must be connected to a 50 MHz
0.005% (+50 ppm) CMOS-level oscillator source.
X2
O
69
CRYSTAL OUTPUT: This pin is the primary clock reference out-
put to connect to an external 25 MHz crystal resonator device.
This pin must be left unconnected if an external CMOS oscillator
clock source is used.
CLK2MAC
O
68
CLOCK TO MAC:
In MII mode, this pin provides a 25 MHz clock output to the sys-
tem.
In RMII mode, this pin provides a 50 MHz clock output to the sys-
tem.
This allows other devices to use the reference clock from the
DP83849C without requiring additional clock sources.
If the system does not require the CLK2MAC signal, the
CLK2MAC output should be disabled via the CLK2MAC disable
strap.
Signal Name
Type
Pin #
Description
LED_LINK_A
LED_LINK_B
I/O
19
43
LINK LED: In Mode 1, this pin indicates the status of the LINK.
The LED will be ON when Link is good.
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit
and receive activity in addition to the status of the Link. The LED
will be ON when Link is good. It will blink when the transmitter or
receiver is active.
LED_SPEED_A
LED_SPEED_B
I/O
20
42
SPEED LED: The LED is ON when device is in 100 Mb/s and OFF
when in 10 Mb/s. Functionality of this LED is independent of mode
selected.
LED_ACT/LED_COL_A
LED_ACT/LED_COL_B
I/O
21
41
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is
ON when activity is present on either Transmit or Receive.
COLLISION/DUPLEX LED: In Mode 2, this pin by default indi-
cates Collision detection. For Mode 3, this LED output may be
programmed to indicate Full-duplex status instead of Collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com