Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 65 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 61Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
www.national.com
64
7.2.5 LED Direct Control Register (LEDCR)
This register provides the ability to directly control any or all LED outputs. It does not provide read access to LEDs. In
addition, it provides control for the Activity source and blinking LED frequency.
Table 37. LED Direct Control Register (LEDCR), address 18h
Bit
Bit Name
Default
Description
15:9
RESERVED
0, RO
RESERVED: Writes ignored, read as 0.
8
LEDACT_RX
0, RW
1 = Activity is only indicated for Receive traffic
0 = Activity is indicated for Transmit or Receive traffic
7:6
BLINK_FREQ
00, RW
LED Blink Frequency
These bits control the blink frequency of the LED_LINK output
when blinking on activity is enabled.
0 = 6Hz
1 = 12Hz
2 = 24Hz
3 = 48Hz
5
DRV_SPDLED
0, RW
1 = Drive value of SPDLED bit onto LED_SPEED output
0 = Normal operation
4
DRV_LNKLED
0, RW
1 = Drive value of LNKLED bit onto LED_LINK output
0 = Normal operation
3
DRV_ACTLED
0, RW
1 = Drive value of ACTLED bit onto LED_ACT/LED_COL output
0 = Normal operation
2
SPDLED
0, RW
Value to force on LED_SPEED output
1
LNKLED
0, RW
Value to force on LED_LINK output
0
ACTLED
0, RW
Value to force on LED_ACT/LED_COL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com