Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 51 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 51 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 47Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 48Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 49Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 50Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 51Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 52Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 53Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 54Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
www.national.com
50
7.1.2 Basic Mode Status Register (BMSR)
Table 21. Basic Mode Status Register (BMSR), address 01h
Bit
Bit Name
Default
Description
15
100BASE-T4
0, RO/P
100BASE-T4 Capable:
0 = Device not able to perform 100BASE-T4 mode.
14
100BASE-TX
FULL DUPLEX
1, RO/P
100BASE-TX Full Duplex Capable:
1 = Device able to perform 100BASE-TX in full duplex mode.
13
100BASE-TX
HALF DUPLEX
1, RO/P
100BASE-TX Half Duplex Capable:
1 = Device able to perform 100BASE-TX in half duplex mode.
12
10BASE-T
FULL DUPLEX
1, RO/P
10BASE-T Full Duplex Capable:
1 = Device able to perform 10BASE-T in full duplex mode.
11
10BASE-T
HALF DUPLEX
1, RO/P
10BASE-T Half Duplex Capable:
1 = Device able to perform 10BASE-T in half duplex mode.
10:7
RESERVED
0, RO
RESERVED: Write as 0, read as 0.
6
MF PREAMBLE
SUPPRESSION
1, RO/P
Preamble suppression Capable:
1 = Device able to perform management transaction with preamble
suppressed, 32-bits of preamble needed only once after reset, invalid
opcode or invalid turnaround.
0 = Normal management operation.
5
AUTO-NEGOTIATION
COMPLETE
0, RO
Auto-Negotiation Complete:
1 = Auto-Negotiation process complete.
0 = Auto-Negotiation process not complete.
4
REMOTE FAULT
0, RO/LH
Remote Fault:
1 = Remote Fault condition detected (cleared on read or by reset).
Fault criteria: Far End Fault Indication or notification from Link Part-
ner of Remote Fault.
0 = No remote fault condition detected.
3
AUTO-NEGOTIATION
ABILITY
1, RO/P
Auto Negotiation Ability:
1 = Device is able to perform Auto-Negotiation.
0 = Device is not able to perform Auto-Negotiation.
2
LINK STATUS
0, RO/LL
Link Status:
1 = Valid link established (for either 10 or 100 Mb/s operation).
0 = Link not established.
The criteria for link validity is implementation specific. The occurrence
of a link failure condition will causes the Link Status bit to clear. Once
cleared, this bit may only be set by establishing a good link condition
and a read via the management interface.
1
JABBER DETECT
0, RO/LH
Jabber Detect: This bit only has meaning in 10 Mb/s mode.
1 = Jabber condition detected.
0 = No Jabber.
This bit is implemented with a latching function, such that the occur-
rence of a jabber condition causes it to set until it is cleared by a read
to this register by the management interface or by a reset.
0
EXTENDED CAPA-
BILITY
1, RO/P
Extended Capability:
1 = Extended register capabilities.
0 = Basic register set capabilities only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com