Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 66 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 66 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 62Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 63Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 64Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 65Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 66Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 67Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 68Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 69Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
65
www.national.com
7.2.6 PHY Control Register (PHYCR)
This register provides control for Phy functions such as MDIX, BIST, LED configuration, and Phy address. It also pro-
vides Pause Negotiation status.
Table 38. PHY Control Register (PHYCR), address 19h
Bit
Bit Name
Default
Description
15
MDIX_EN
Strap, RW
Auto-MDIX Enable:
1 = Enable Auto-neg Auto-MDIX capability.
0 = Disable Auto-neg Auto-MDIX capability.
The Auto-MDIX algorithm requires that the Auto-Negotiation En-
able bit in the BMCR register to be set. If Auto-Negotiation is not
enabled, Auto-MDIX should be disabled as well.
14
FORCE_MDIX
0, RW
Force MDIX:
1 = Force MDI pairs to cross.
(Receive on TPTD pair, Transmit on TPRD pair)
0 = Normal operation.
13
PAUSE_RX
0, RO
Pause Receive Negotiated:
Indicates that pause receive should be enabled in the MAC. Based
on ANAR[11:10] and ANLPAR[11:10] settings.
This function shall be enabled according to IEEE 802.3 Annex 28B
Table 28B-3, “Pause Resolution”, only if the Auto-Negotiated High-
est Common Denominator is a full duplex technology.
12
PAUSE_TX
0, RO
Pause Transmit Negotiated:
Indicates that pause transmit should be enabled in the MAC. Based
on ANAR[11:10] and ANLPAR[11:10] settings.
This function shall be enabled according to IEEE 802.3 Annex 28B
Table 28B-3, “Pause Resolution”, only if the Auto-Negotiated High-
est Common Denominator is a full duplex technology.
11
BIST_FE
0, RW/SC
BIST Force Error:
1 = Force BIST Error.
0 = Normal operation.
This bit forces a single error, and is self clearing.
10
PSR_15
0, RW
BIST Sequence select:
1 = PSR15 selected.
0 = PSR9 selected.
9
BIST_STATUS
0, LL/RO
BIST Test Status:
1 = BIST pass.
0 = BIST fail. Latched, cleared when BIST is stopped.
For a count number of BIST errors, see the BIST Error Count in the
CDCTRL1 register.
8
BIST_START
0, RW
BIST Start:
1 = BIST start.
0 = BIST stop.
7
BP_STRETCH
0, RW
Bypass LED Stretching:
This will bypass the LED stretching and the LEDs will reflect the in-
ternal value.
1 = Bypass LED stretching.
0 = Normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com