Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 42 Page - Texas Instruments

Part # DP83849CVS/NOPB
Description  DP83849C PHYTER® DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 42 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 38Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 39Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 40Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 41Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 42Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 43Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 44Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 45Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 100 page
background image
41
www.national.com
— Receive Window: The receiver can monitor receive
data within a programmable window using the TDR Win-
dow Register (TDR_WIN), address 17h. The window is
controlled by two register values: TDR Start Window, bits
[15:8] of TDR_WIN (17h) and TDR Stop Window, bits
[7:0] of TDR_WIN (17h). The TDR Start Window indi-
cates the first clock to start sampling. The TDR Stop
Window indicates the last clock to sample. By default,
the full window is enabled, with Start set to 0 and Stop
set to 255. The window range is in 8ns clock increments,
so the maximum window size is 2048ns.
5.7.3.4 TDR Results
The TDR function monitors data from the Analog to Digital
Converter (ADC) to detect both peak values and values
above a programmable threshold. It can be programmed
to detect maximum or minimum values. In addition, it
records the time, in 8ns intervals, at which the peak or
threshold value first occurs. The results of a TDR peak and
threshold measurement are available in the TDR Peak
Measurement Register (TDR_PEAK), address 18h and
TDR Threshold Measurement Register (TDR_THR),
address 19h. The threshold measurement may be a more
accurate method of measuring the length for longer cables
to provide a better indication of the start of the received
pulse, rather than the peak value.
Software utilizing the TDR function should implement an
algorithm to send TDR pulses and evaluate results. Multi-
ple runs should be used to best qualify any received pulses
as multiple reflections could exist. In addition, when moni-
toring the transmitting pair, the window feature should be
used to disqualify the transmitted pulse. Multiple runs may
also be used to average the values providing more accu-
rate results.
Actual distance measurements are dependent on the
velocity of propagation of the cable. The delay value is typ-
ically on the order of 4.6 to 4.9 ns/m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com