Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 123 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 123 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 119Page - Texas Instruments CC1010-RTY1 Datasheet HTML 120Page - Texas Instruments CC1010-RTY1 Datasheet HTML 121Page - Texas Instruments CC1010-RTY1 Datasheet HTML 122Page - Texas Instruments CC1010-RTY1 Datasheet HTML 123Page - Texas Instruments CC1010-RTY1 Datasheet HTML 124Page - Texas Instruments CC1010-RTY1 Datasheet HTML 125Page - Texas Instruments CC1010-RTY1 Datasheet HTML 126Page - Texas Instruments CC1010-RTY1 Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 150 page
background image
CC1010
SWRS047A
Page 123 of 146
17.19 Output Power Programming
The RF output power is programmable
and controlled by the PA_POW register.
Table 37 shows the closest programmable
value for output powers in steps of 1 dB.
The typical current consumption is also
shown for a 14.7456 MHz main oscillator
frequency. The current consumption is for
the entire
CC1010, with both the RF
transceiver and MCU active.
In power down mode the PA_POW should
be set to 0x00 for minimum leakage
current.
RF frequency 433 MHz
RF frequency 868 MHz
Output power
[dBm]
PA_POW
Current consumption,
typ. [mA]
PA_POW
Current consumption,
typ. [mA]
-20
0x02
21.7
0x02
24.2
-19
0x02
21.7
0x02
24.2
-18
0x02
21.7
0x03
24.4
-17
0x02
21.7
0x03
24.4
-16
0x02
21.7
0x04
24.6
-15
0x02
21.7
0x04
24.6
-14
0x03
21.9
0x05
24.8
-13
0x03
21.9
0x06
25
-12
0x04
22.2
0x07
25.2
-11
0x04
22.2
0x08
25.4
-10
0x05
22.4
0x09
25.7
-9
0x05
22.4
0x0A
25.9
-8
0x06
22.7
0x0B
26
-7
0x07
22.9
0x0C
26.2
-6
0x08
23.2
0x0E
26.6
-5
0x09
23.5
0x0F
26.8
-4
0x0A
23.8
0x50
29.3
-3
0x0B
24.0
0x60
29.9
-2
0x0D
24.5
0x70
30.5
-1
0x0E
24.9
0x80
31.0
0
0x40
26.0
0xA0
32.1
1
0x50
27.0
0xC0
33.1
2
0x60
28.0
0xE0
34.2
3
0x60
28.0
0xF0
34.7
4
0x70
28.9
0xFF
38.5
5
0x80
30.0
6
0x90
31.0
7
0xB0
33.2
8
0xC0
34.3
9
0xE0
36.7
10
0xFF
42.8
Note: The current consumption is measured at for a 14.7456 MHz main oscillator frequency, and is for
the entire
CC1010 (both MCU and RF transceiver). If the crystal frequency is changed, the current
consumption for the MCU will change, the relationship between crystal frequency and MCU current
consumption is shown in Figure 1.
Table 37. Output power settings and typical current consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com