Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 120 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 120 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 116Page - Texas Instruments CC1010-RTY1 Datasheet HTML 117Page - Texas Instruments CC1010-RTY1 Datasheet HTML 118Page - Texas Instruments CC1010-RTY1 Datasheet HTML 119Page - Texas Instruments CC1010-RTY1 Datasheet HTML 120Page - Texas Instruments CC1010-RTY1 Datasheet HTML 121Page - Texas Instruments CC1010-RTY1 Datasheet HTML 122Page - Texas Instruments CC1010-RTY1 Datasheet HTML 123Page - Texas Instruments CC1010-RTY1 Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 150 page
background image
CC1010
SWRS047A
Page 120 of 146
17.18 Input / Output Matching
A
few
passive
external
components
combined with the internal T/R switch
circuitry ensures match in both RX and TX
mode. The matching network is shown in
Figure 36. Component values for various
frequencies
are
given
in
Table
28.
Component values for other frequencies
can be found using the SmartRF
® Studio
software.
The register MATCH should initially be set
as shown in the register description below.
The MATCH register controls a capacitor
array located at the RF_OUT pin. The
register can be used to fine-tune the
impedance match for a particular layout
and component selection. The tuning can
be accomplished by stepping the register
values until optimum sensitivity and output
power is reached.
RF_IN
RF_OUT
TO ANTENNA
CC1010
L51
C51
C52
AVDD=3V
L42
C41
Figure 36. Input/output matching network
MATCH (0xDC) - Match Capacitor Array Control Register
Bit
Name
R/W
Reset value
Description
7:3
RX_MATCH
(3:0)
R/W
0000
Selects matching capacitor array value for RX, step size is
0.4 pF
0000: Use for RF frequency > 500 MHz
1100: Use for RF frequency < 500 MHz
3:0
TX_MATCH
(3:0)
R/W
0000
Selects matching capacitor array value for TX, step size is
0.4 pF. Recommended setting is 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com