Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 118 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 118 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 114Page - Texas Instruments CC1010-RTY1 Datasheet HTML 115Page - Texas Instruments CC1010-RTY1 Datasheet HTML 116Page - Texas Instruments CC1010-RTY1 Datasheet HTML 117Page - Texas Instruments CC1010-RTY1 Datasheet HTML 118Page - Texas Instruments CC1010-RTY1 Datasheet HTML 119Page - Texas Instruments CC1010-RTY1 Datasheet HTML 120Page - Texas Instruments CC1010-RTY1 Datasheet HTML 121Page - Texas Instruments CC1010-RTY1 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 150 page
background image
CC1010
SWRS047A
Page 118 of 146
17.17 VCO, LNA and buffer current control
The VCO current is programmable and
should be set according to operating
frequency, RX/TX mode and output power.
The
receiver
sensitivity
will
also
be
affected
by
the
current
settings.
Recommended
settings
for
the
CURRENT.VCO_CURRENT
bits are shown
in the CURRENT register table following
below.
The bias current for the LNA, and the LO
and PA buffers are also programmable
through FREND.LNA_CURRENT,
FREND.BUF_CURRENT
,
CURRENT.LO_DRIVE
and
CURRENT.PA_DRIVE
.
CURRENT (0xE1) - RF Current Control Register
Bit
Name
R/W
Reset value
Description
7:4
VCO_CURRENT
(3:0)
R/W
1100
Control of current in VCO core for TX and RX
0000 : 150
µA
0001 : 250
µA
0010 : 350
µA
0011 : 450
µA
0100 : 950
µA, use for RX, f< 500 MHz
0101 : 1050
µA
0110 : 1150
µA, use for RX f>500 MHz
0111 : 1250
µA
1000 : 1450
µA, use for TX f < 500 MHz
1001 : 1550
µA
1010 : 1650
µA
1011 : 1750
µA
1100 : 2250
µA
1101 : 2350
µA
1110 : 2450
µA
1111 : 2550
µA, use for TX, f>500 MHz
3:2
LO_DRIVE
(1:0)
R/W
10
Control of current in VCO buffer for LO drive
00 : 0.5mA, use for TX
01 : 1.0mA, use for RX when f<500 MHz
10 : 1.5mA
11 : 2.0mA, use for RX, f>500 MHz
1:0
PA_DRIVE
(1:0)
R/W
10
Control of current in VCO buffer for PA
00 : 1mA, use for RX
01 : 2mA, use for TX, f<500 MHz
10 : 3mA
11 : 4mA, use for TX, f>500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com