Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 131 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 131 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 127Page - Texas Instruments CC1010-RTY1 Datasheet HTML 128Page - Texas Instruments CC1010-RTY1 Datasheet HTML 129Page - Texas Instruments CC1010-RTY1 Datasheet HTML 130Page - Texas Instruments CC1010-RTY1 Datasheet HTML 131Page - Texas Instruments CC1010-RTY1 Datasheet HTML 132Page - Texas Instruments CC1010-RTY1 Datasheet HTML 133Page - Texas Instruments CC1010-RTY1 Datasheet HTML 134Page - Texas Instruments CC1010-RTY1 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 150 page
background image
CC1010
SWRS047A
Page 131 of 146
19. System Considerations and Guidelines
19.1 SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for licence free operation are allowed to
operate in the 433 and 868-870 MHz
bands in most European countries. In the
United States such devices operate in the
260–470 and 902-928 MHz bands.
CC1010
is designed to meet the requirements for
operation in all these bands. A summary of
the most important aspects of these
regulations can be found in Application
Note AN001 SRD regulations for licence
free transceiver operation, available on
Chipcon’s web site.
19.2 Low cost systems
In systems where low cost is of great
importance the
CC1010 is the ideal choice.
Very few external components keep the
total cost at a minimum. The oscillator
crystal can then be a low cost crystal with
50/25 ppm frequency tolerance at 433/868
MHz respectively.
19.3 Battery operated systems
In
low
power
applications
the
RF
Transceiver power down mode should be
used when no communication takes place.
Using receiver polling, that is, listening for
transmissions for a few milliseconds at
regular intervals, will also save a lot of
battery power. The RSSI can be used as a
first indication that a transmission is
received. See page 89 for information on
how effective power management can be
implemented. Utilizing the Idle mode and
Power down modes and clock modes of
the MCU will also reduce the power
consumption significantly. See page 33 for
details. Also of interest is Application Note
AN017 Low Power Systems Using the
CC1010, available on Chipcon’s web site.
19.4 Narrow-band systems
CC400,
CC900
and
CC1020
are
recommended for best performance in
narrow-band
applications.
The
phase
noise of these chips is superior, and for
systems with 25 kHz channel spacing or
less with strict requirements to ACP
(Adjacent Channel Power), low phase
noise is important.
The selectivity of
CC1010 can be improved
by using an external ceramic filter and
demodulator at 10.7 MHz. Such ceramic
filters are typically 180 or 280 kHz wide.
A unique feature in
CC1010 is the very fine
frequency resolution of < 250 Hz. This can
be
used
to
do
the
temperature
compensation
of
the
crystal
if
the
temperature drift curve is known and a
temperature sensor is included in the
system. Even initial adjustment can be
done using the frequency programmability.
This eliminates the need for an expensive
TCXO and trimming in some applications.
In less demanding applications a crystal
with low temperature drift and low ageing
could
be
used
without
further
compensation. A trimmer capacitor in the
crystal oscillator circuit (in parallel with
C171) could be used to set the initial
frequency accurately. The fine frequency
step programming cannot be used in RX
mode if optimised frequency settings are
required (see page 111).
19.5 High reliability systems
Using a SAW filter as a preselector
between the antenna and the RF input will
improve the communication reliability in
harsh
environments
by
reducing
the
probability
of
blocking.
The
receiver
sensitivity and the output power will be
reduced due to the filter insertion loss. By
inserting the filter in the RX path only,
together with an external RX/TX switch,
only the receiver sensitivity is reduced,
and output power is unaffected. Any
general-purpose
I/O
pins
can
be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com