Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010-RTY1 Datasheet(PDF) 133 Page - Texas Instruments

Part # CC1010-RTY1
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1010-RTY1 Datasheet(HTML) 133 Page - Texas Instruments

Back Button CC1010-RTY1 Datasheet HTML 129Page - Texas Instruments CC1010-RTY1 Datasheet HTML 130Page - Texas Instruments CC1010-RTY1 Datasheet HTML 131Page - Texas Instruments CC1010-RTY1 Datasheet HTML 132Page - Texas Instruments CC1010-RTY1 Datasheet HTML 133Page - Texas Instruments CC1010-RTY1 Datasheet HTML 134Page - Texas Instruments CC1010-RTY1 Datasheet HTML 135Page - Texas Instruments CC1010-RTY1 Datasheet HTML 136Page - Texas Instruments CC1010-RTY1 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 150 page
background image
CC1010
SWRS047A
Page 133 of 146
19.10 PCB Layout Recommendations
Chipcon provide reference layouts that
should be followed in order to achieve the
best performance. The reference designs
can
be
downloaded
on
the
Chipcon
website.
A four layer PCB is highly recommended.
The top layer should be used for signal
routing, and the open areas should be
filled
with
metallisation
connected
to
ground using many vias. The second layer
of the PCB should be the “ground-plane”.
Layer three is used for power supply and
layer
four
for
general
routing
and
decoupling. A few components are also
placed at the reverse side (VCO inductor
and power filtering).
The ground pins should be connected to
ground as close as possible to the
package pin using individual vias for each
pin. The de-coupling capacitors should
also be placed as close as possible to the
supply pins and connected to the ground
plane by separate vias. For 868 and 915
MHz operation, some of the AVDD supply
pins should be fitted with ferrite beads in
series to prevent noise from coupling from
one supply pin to another. Please see the
reference layouts for more information. For
433 and 315 MHz operation these beads
are not required, and can be replaced with
0-ohm resistors or PCB traces.
The external components should be as
small as possible and surface mount
devices are required. The VCO inductor
must be placed as close as possible to the
chip and symmetrical with respect to the
input pins. It is important to keep the
coupling between the VCO inductor and
the matching network low in order to
reduce LO leakage. Due to this the VCO
inductor is placed at the reverse side of
the PCB.
A development kit with a fully assembled
PCB is available, and can be used as a
guideline for layout.
Full
documentation
and
Gerber
PCB
layout files are available on Chipcon’s web
site.
19.11 Antenna Considerations
CC1010 can be used together with various
types of antennas. The most common
antennas
for
short-range
devices
are
monopole, helical and loop antennas.
Monopole
antennas
are
resonant
antennas with a length corresponding to
one quarter of the electrical wavelength
(
λ/4). They are very easy to design and
can be implemented simply as a “piece of
wire” or even integrated into the PCB.
Non-resonant monopole antennas shorter
than
λ/4 can also be used, but at the
expense of range. In size and cost critical
applications such an antenna may very
well be integrated into the PCB.
Helical antennas can be thought of as a
combination of a monopole and a loop
antenna. They are a good compromise in
size
critical
applications.
But
helical
antennas tend to be more difficult to
optimise than the simple monopole.
Loop antennas are easy to integrate into
the PCB, but are less effective due to
difficult impedance matching because of
their very low radiation resistance if they
are made small.
For
low
power
applications
the
λ/4-
monopole antenna is recommended giving
the
best
range
and
because
of
its
simplicity.
The length of the
λ/4-monopole antenna is
given by:
L = 7125 / f
where f is in MHz, giving the length in cm.
An antenna for 869 MHz should be 8.2
cm, and 16.4 cm for 434 MHz.
The antenna should be connected as
close as possible to the IC. If the antenna
is located away from the input pin the
antenna should be matched to the feeding
transmission line (50
Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com