Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 45 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 41Page - STMicroelectronics L9912L Datasheet HTML 42Page - STMicroelectronics L9912L Datasheet HTML 43Page - STMicroelectronics L9912L Datasheet HTML 44Page - STMicroelectronics L9912L Datasheet HTML 45Page - STMicroelectronics L9912L Datasheet HTML 46Page - STMicroelectronics L9912L Datasheet HTML 47Page - STMicroelectronics L9912L Datasheet HTML 48Page - STMicroelectronics L9912L Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
DocID029641 Rev 2
45/84
L9912L
Electrical specifications
83
5.3.21
Reset output (nRST_SP)
In case VDD pin regulator is turned on and the voltage exceeds the VDD reset threshold
voltage VRTH, the reset pin nRST_SP is pulled up by STM8 internal pull-up resistor (nRST
side) to VDD pin voltage after a 2ms (typ.) reset delay time. This is necessary to provide a
suitable microcontroller startup phase when the system is switched on.
A reset pulse tRP (typ. 2ms) is generated in case of:
VDD pin voltage lower than VRTL parameter
Watchdog failure
6IVDDpeak
Peak output
current
V(A+/B+) > 6 V
V(VDD_CAP)>VRTL
-75
-
-
mA
7IVDDshort
Short circuit
output current
Current limitation
-185
-130
-75
mA
8VDDLiR
Line regulation
voltage
6 V ≤ V(A+/B+) ≤ 40 V
I(VDD_CAP) = -30 mA constant
during test
-3.8
-
+3.8
%
9tTSD
Deactivation time
after thermal
shut-down
-0.8
1.0
1.5
ms
10
VDDFAIL
Output voltage
fail threshold
VDD_CAP pin forced when
regulator is disabled
-2
-
V
11
tVDDSHTstart
Start-up short-to-
ground detection
time
V(VDD_CAP) < VDDFAIL
during regulator start-up
3.4
4.0
7.0
ms
12
tVDDFAIL (1)
Short-to-ground
detection time
V(VDD_CAP) < VDDFAIL
1.7
2.0
3.5
µs
13
dVDD/dt
dV(VDD_CAP)/dt
@ 5-V regulator
switch-on
CVDD_CAP = 680 nF
I(VDD_CAP) = -3.5 mA
Slope from:
0.5 V → 1 V
1 V → 0.9*VDD
If current limitation is reached, then
the slope is controlled by current
limitation and output capacitor
5-
50
V/ms
1. If short-to-ground time exceeds tVDDFAIL then VDD regulator is permanently kept off and only a Power-On Reset (PORn)
can restart functionality.
Table 30. 5-V (VDD) voltage regulator electrical characteristics (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 31. Reset output (nRST_SP) electrical characteristics
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VRTH
VDD reset threshold voltage
V(VDD) increasing
4.5
4.7
4.9
V
2VRTL
VDD reset threshold voltage
V(VDD) decreasing
4.4
4.6
4.8
V
3VRTHyst VDD threshold voltage hysteresis -
-
0.1
-
V
4VRESETL nRST_SP low output voltage
V(VDD) > 1 V
-0.2
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com