Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 50Page - STMicroelectronics L9912L Datasheet HTML 51Page - STMicroelectronics L9912L Datasheet HTML 52Page - STMicroelectronics L9912L Datasheet HTML 53Page - STMicroelectronics L9912L Datasheet HTML 54Page - STMicroelectronics L9912L Datasheet HTML 55Page - STMicroelectronics L9912L Datasheet HTML 56Page - STMicroelectronics L9912L Datasheet HTML 57Page - STMicroelectronics L9912L Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
Communication configurations
L9912L
54/84
DocID029641 Rev 2
10
Communication configurations
The device supports different communication protocols on LIN/BSS pin for LIN and BSS
protocol, L pin for RVC protocol and RC pin for PCM and C-TERM protocols.
All protocols are mutually exclusive and can be activated through a combination of pins and
SPI bit settings; besides, LIN is available or not according to the device option.
The following table shows how to configure the system:
Table 35. How to configure the system
Protocol
Pin
SPI settings
Comment
PROT_SEL
RC
lin_prot_in_use
Reg 0x08 – bit3
RVC_EN
Reg 0x09 – bit6
LIN
0
0
1
X
LIN circuitry is enabled and
LIN_TX_SP/LIN_RX_SP SmartPower pins
are active.
µC TIM1_CH3 pin is grounded
If the LIN option is not available, the
SmartPower LIN_RX_SP pin is grounded
BSS
0
1
1
X
BSS circuitry is enabled to carry the incoming
signal to µC TIM1_CH3 pin
LIN_RX_SP SmartPower pin is grounded
PCM
C-TERM
1(1)
XX
0
PCM/C-TERM interface is enabled to carry
the incoming signal to µC TIM1_CH3 pin
LIN_RX_SP SmartPower pin is grounded
RVC
1*
X
X
1
RVC interface is enabled to carry the
incoming signal to µC TIM1_CH3 pin
LIN_RX_SP SmartPower pin is grounded
1. PROT_SEL pin has an internal 100k pull-up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com