Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 22Page - STMicroelectronics L9912L Datasheet HTML 23Page - STMicroelectronics L9912L Datasheet HTML 24Page - STMicroelectronics L9912L Datasheet HTML 25Page - STMicroelectronics L9912L Datasheet HTML 26Page - STMicroelectronics L9912L Datasheet HTML 27Page - STMicroelectronics L9912L Datasheet HTML 28Page - STMicroelectronics L9912L Datasheet HTML 29Page - STMicroelectronics L9912L Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
Electrical specifications
L9912L
26/84
DocID029641 Rev 2
5.3.6
Pin "DFM"
DFM is an output pin used to export a copy of the field PWM signal to external devices to
allow a better system control. The DFM is internally connected to a low-side and to a high-
side that can be independently configured by the µC by properly setting SPI write registers
0x04 and 0x05 [13.4.13] [13.4.14].
Bits 4 and 5 of SPI register 0x04 are available to set DFM output configuration:
This pin can be used to notify the TURBO mode selection; TURBO mode bit (bit 4 of register
0x14, [13.4.8]) is set when the voltage on DFM pin goes above the VMTM and V(A+/B+)<
VBIntOvp.
TURBO mode can be used by the application SW to skip all the delays to accelerate test
procedures.
Table 15. DFM output configuration
DFM bit1
DFM bit 0
DFM output configuration
0
0
DFM output disabled
0
1
Low side driver enabled
1
0
High side driver enabled
1
1
Push-pull enabled
Table 16. Electrical characteristics pin "DFM"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VML
Low-side saturation
voltage
I(DFM) = 5 mA
0.90
1.15
1.40
V
2IMLlim
Low-side current
limitation
-
255075
mA
3VMH
High side saturation
voltage
I(DFM) = -5 mA.Charge pump in
OFF state
0.20
0.35
0.60
V
4IMHlim
High-side current
limitation
-
-75
-50
-25
mA
5tMLOCfilter
Low-side current
limitation filter time
--
30
-
µs
6tMHOCfilter
High-side current
limitation filter time
--
30
-
µs
7VMTM
Turbo mode threshold
voltage
-
424650
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com