Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 74Page - STMicroelectronics L9912L Datasheet HTML 75Page - STMicroelectronics L9912L Datasheet HTML 76Page - STMicroelectronics L9912L Datasheet HTML 77Page - STMicroelectronics L9912L Datasheet HTML 78Page - STMicroelectronics L9912L Datasheet HTML 79Page - STMicroelectronics L9912L Datasheet HTML 80Page - STMicroelectronics L9912L Datasheet HTML 81Page - STMicroelectronics L9912L Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
SPI interface
L9912L
78/84
DocID029641 Rev 2
Read config register (0x1F)
7C0000 0600F1
GSW:
– CP-LOW (charge pump not yet activated)
– Key active
DATA
– LIN not available
– 24 V not supported
– Silicon revision = 0xF
–Device ID = 1
Write 0x800 to system
operation register (0x03):
charge pump enable
8C4800 064000
GSW:
– CP-LOW (charge pump not yet activated)
– Key active
Read And Clear general
status register (0x12)
4840A5 060100
GSW:
– CP-LOW (charge pump not yet activated)
– Key active
DATA: CP-LOW (still set because of deglitch time)
Read general status register
(0x12
484000 020000
GSW: Key active
CP-LOW cleared because of previous clear
command and previous charge pump activation
Write 0x6C to DFM setup
register (0x04): Polarity 1 -
High side – 400Hz
90406C 020000
GSW: Key active
DATA
– Polarity 1 (default)
– DFM OFF (0x0F)
Write 0x3E to DFM duty cycle
register (0x05): 3E = 62 ->
10%
94403E 020000
GSW: Key active
DATA: 0
Write 0x1000 to drv settings
register (0x09): lamps off and
CSA enable
45000
020014
GSW: Key active
DATA
– L_LS_ENABLE (default)
– LHC_LS_ENABLE (default)
Read phase register (0x13)
4C0000 02D800
GSW:
– Key active
– Phase notification
DATA: 0x1800=6144 – First phase -> Discard
Wait 22 ms (4 phase periods
plus a 2 ms margin)
--
-
Read phase register (0x13)
4C0000 029138
GSW:
– Key active
– Phase notification
DATA
– Phase regulation request (bit 12)
– 0x138=312 -> 19.969 ms
~20 ms correspond to 4 periods
Table 62. SPI sequence examples (continued)
Operation
MOSI
MISO
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com