Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 42Page - STMicroelectronics L9912L Datasheet HTML 43Page - STMicroelectronics L9912L Datasheet HTML 44Page - STMicroelectronics L9912L Datasheet HTML 45Page - STMicroelectronics L9912L Datasheet HTML 46Page - STMicroelectronics L9912L Datasheet HTML 47Page - STMicroelectronics L9912L Datasheet HTML 48Page - STMicroelectronics L9912L Datasheet HTML 49Page - STMicroelectronics L9912L Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Electrical specifications
L9912L
46/84
DocID029641 Rev 2
5.3.22
Temperature sensor
The sensor generates a voltage proportional to the absolute temperature of the die and
makes it available at TEMP_OUT pin. It works over the whole temperature range, with a
resolution of 10.5 mV ±1 mV/ºK.
The sensor output voltage is forwarded to pin AIN1 of the microcontroller [12] to allow
temperature check.
Figure 20. Temperature sensor output voltage vs. temperature
Note:
The voltage output of the sensor is related to the absolute temperature of the silicon
junctions. Junction temperature and ambient temperature must be related taking into
account the power dissipated by the device and the thermal resistance Rthje between the
silicon and the environment around the application board.
Typical curve expressions (VTEMP_OUT in V, T in °C):
VTEMP_OUT = εTEMP • T+ (VTEMP- 130 • εTEMP) = 10.5 • 10-3 • T+ 2.733
T[°C] = εTEMP-1 • VTEMP_OUT + 130 - VTEMP / εTEMP = 95.24 • VTEMP_OUT - 260.3
5tRR
nRST_SP reaction time
I(nRST_SP) = 1 mA
-
15
-
s
6tRP
nRST_SP pulse time
I(nRST_SP) = 1 mA
1.3
2.4
3.4
ms
7tVDDUV
VDD under-voltage filter time
Digital filter time
15
25
40
µs
Table 31. Reset output (nRST_SP) electrical characteristics (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 32. Temperature sensor (TEMP_OUT)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VTEMP
Output voltage
T = 130 ºC
4.041
4.098
4.155
V
2
εTEMP
Voltage temperature drift
-40 °C ≤ T ≤ 130 °C
9.5
10.5
11.5
mV/K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com