Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 1 Page - STMicroelectronics

  L9912L Datasheet HTML 1Page - STMicroelectronics L9912L Datasheet HTML 2Page - STMicroelectronics L9912L Datasheet HTML 3Page - STMicroelectronics L9912L Datasheet HTML 4Page - STMicroelectronics L9912L Datasheet HTML 5Page - STMicroelectronics L9912L Datasheet HTML 6Page - STMicroelectronics L9912L Datasheet HTML 7Page - STMicroelectronics L9912L Datasheet HTML 8Page - STMicroelectronics L9912L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
This is information on a product in full production.
February 2017
DocID029641 Rev 2
1/84
L9912L
Automotive vehicle conform car alternator regulator IC with LIN
Datasheet
- production data
Features
 AEC-Q100 qualified
 System in package smart power alternator
regulator and 8-bit microcontroller (non-
monolithic approach)
 Protected high/low side field pre-driver for
external MOS
 Field short circuit protection
 Regulated voltage driven by ECU
(programmable protocol driven)
 Regulated voltage thermally compensated
(without protocol)
 Lamp driver (wake up and warning detection)
 Diagnostic via LIN
 LIN 2.1 interface for programming and control
 Self start function
 Load response control (LRC)
 Field monitor (FM) output
 Thermal shutdown
 Package TQFP44EP (10 x 10 mm)
Description
The L9912L is a controlled multifunctional
alternator regulator intended to be used in cars,
commercial and agricultural vehicles. it supports
12 V system. The control can be achieved
through different communication protocols: LIN,
RCV, PCM, C_term, BSS. It is a System-In-
Package solution with smart power alternator
regulator IC coupled with a 8-bit microcontroller
(non-monolithic approach). It includes the control
section, fault diagnostic circuit which drives a
warning lamp, and the protection against short
circuits.
This device regulates in closed loop the output of
an automotive generator by controlling the field
winding current by means of a Pulse-Width
Modulation (PWM) of an external high side or low
side driver at fixed frequency.
TQFP44EP
www.st.com


Similar Part No. - L9912L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9912 STMICROELECTRONICS-L9912 Datasheet
1Mb / 84P
Automotive vehicle conform car alternator regulator IC
07-Feb-2017
L9912TR STMICROELECTRONICS-L9912TR Datasheet
1Mb / 84P
Automotive vehicle conform car alternator regulator IC
07-Feb-2017
More results

Similar Description - L9912L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L585 STMICROELECTRONICS-L585 Datasheet
175Kb / 9P
CAR ALTERNATOR REGULATOR
Nov-1991
L9407F STMICROELECTRONICS-L9407F Datasheet
124Kb / 11P
CAR ALTERNATOR VOLTAGE REGULATOR
Feb-2003
L9473 STMICROELECTRONICS-L9473 Datasheet
719Kb / 9P
CAR ALTERNATOR VOLTAGE REGULATOR
May-2005
L9466 STMICROELECTRONICS-L9466 Datasheet
183Kb / 11P
Car alternator voltage regulator
21-Oct-2008
logo
Freescale Semiconductor...
80310 FREESCALE-80310_12 Datasheet
858Kb / 31P
Alternator Regulator with LIN
logo
NXP Semiconductors
AR6000 NXP-AR6000 Datasheet
2Mb / 103P
Alternator regulator with LIN
Rev. 5.1-12 October 2017
logo
Infineon Technologies A...
TLE888 INFINEON-TLE888 Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
TLE8881-2 INFINEON-TLE8881-2 Datasheet
5Mb / 116P
Alternator Control IC with LIN Interface
Rev. 1.00 2019-05-29
TLE888X INFINEON-TLE888X Datasheet
299Kb / 2P
Flexible LIN alternator regulator IC family
09 / 2019
logo
NXP Semiconductors
TC80310 NXP-TC80310 Datasheet
937Kb / 31P
Alternator regulator with LIN
Rev. 5.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com