Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 60Page - STMicroelectronics L9912L Datasheet HTML 61Page - STMicroelectronics L9912L Datasheet HTML 62Page - STMicroelectronics L9912L Datasheet HTML 63Page - STMicroelectronics L9912L Datasheet HTML 64Page - STMicroelectronics L9912L Datasheet HTML 65Page - STMicroelectronics L9912L Datasheet HTML 66Page - STMicroelectronics L9912L Datasheet HTML 67Page - STMicroelectronics L9912L Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
SPI interface
L9912L
64/84
DocID029641 Rev 2
Warning:
if the relevant wake-up source are disabled
(WKUP_SOURCE_IGNIT_DISABLE,
WKUP_SOURCE_LHC_DISABLE and
WKUP_SOURCE_L_DISABLE bits of register 0x04) these bits
are cleared independently of the effective status of the pins
7
WDG_FAIL_SWT_OFF_PWR_STG
0 (RC)
If the watchdog has been configured to switch
the power off instead to reset the
microcontroller, this bit notifies that the power
stage has been switched off after a watchdog
failure occurrence (see register 0x02)
This bit must be cleared with a read and clear
operation to enable the field excitation
6
WDG_FAIL_RESET_UP
0 (RC)
When 1 notifies that the system reset has
been caused by the SmartPower watchdog
5
WKUP_BY_L
0 (RO)
Wakeup source Notification
These bits contain the latched status of the
relevant input pin after a system wake-up.
If more than one bit is set the wake-up source
signal cannot be unambiguously identified
4
WKUP_BY_LHC
0 (RO)
-
3
WKUP_BY_IGNIT
2
WKUP_BY_PH
1
WKUP_BY_RC(2)
0
WKUP_BY_LIN(2)
1. These bits report the current status of the relevant input without any latch logic.
2. If the wakeup is triggered by a protocol line edge it is possible that the microcontroller loses the first data
frame because of the time it takes to wakeup and to initialize the whole system; the protocol transmitter
node must take into account this eventuality.
Table 45. WAKEUP SOURCE register [0x11] (continued)
Bit
Register name
Reset
value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com