Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 59Page - STMicroelectronics L9912L Datasheet HTML 60Page - STMicroelectronics L9912L Datasheet HTML 61Page - STMicroelectronics L9912L Datasheet HTML 62Page - STMicroelectronics L9912L Datasheet HTML 63Page - STMicroelectronics L9912L Datasheet HTML 64Page - STMicroelectronics L9912L Datasheet HTML 65Page - STMicroelectronics L9912L Datasheet HTML 66Page - STMicroelectronics L9912L Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
DocID029641 Rev 2
63/84
L9912L
SPI interface
83
13.4.4
SPI errors
An SPI error occurs after at least one of the following conditions is matched:
Parity error
Invalid address
Write only register read attempt
Wrong bits number
The PREV_SPI_FAILED bit of GSW notifies an error in the previous received SPI frame.
13.4.5
WAKEUP SOURCE register [0x11]
This registers returns some information about wakeup/reset exit status condition and KEY
input status
1
16
APLUS
0
A+ overvoltage or undervoltage
(APLUS_OV | APLUS_UV)
015
PHsense New Measure is
Available
0
A valid phase measurement value is
available. This bit is cleared by a read
operation of register 0x13
After power on, this bit is set also at the
first rising edge of the input phase signal:
in this case the register data are don’t
care and must be discarded
Table 44. GSW: global status word (continued)
GSW
Bit
Frame
Bit
Register name
Reset
value
Description
Table 45. WAKEUP SOURCE register [0x11]
Bit
Register name
Reset
value
Description
13 RESERVED
-
-
12 IGNIT_KEY(1)
-
0: IGNIT input OFF
1: IGNIT input ON
11 L_KEY(1)
-
0: L input OFF
1: L input ON
Always 0 if RVC_EN = 1 (bit 6 of register
0x08)
10 LHC_KEY(1)
-
0: LHC input OFF
1: LHC input ON
9
VDD_UV
0 (RC)
The previous µC reset has been caused by a
VDD undervoltage event (< 4.7V)
8
RESERVED
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com