Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 61 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 57Page - STMicroelectronics L9912L Datasheet HTML 58Page - STMicroelectronics L9912L Datasheet HTML 59Page - STMicroelectronics L9912L Datasheet HTML 60Page - STMicroelectronics L9912L Datasheet HTML 61Page - STMicroelectronics L9912L Datasheet HTML 62Page - STMicroelectronics L9912L Datasheet HTML 63Page - STMicroelectronics L9912L Datasheet HTML 64Page - STMicroelectronics L9912L Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
DocID029641 Rev 2
61/84
L9912L
SPI interface
83
13.4.1
Register read operation
The transmit/receive 24 bits message pair of a register read operation is composed as
follows:
WATCHDOG CONFIG [13.4.15]
R/W
0x06
This LOCKED register is used to configure the Smart
Power embedded watchdog
RESERVED – WRITE ONLY
W
0x07
-
CP-SPREAD-SPECTR & LINBITS
SETTINGS [13.4.16]
R/W
0x08
This register is used to set charge pump modulation
and some LIN parameter
DRV SETTINGS [13.4.17]
R/W
0x09
Output on/off
RESERVED
R/W
0x0A -
TEST MODE STATUS [13.4.18]
R
0x0B This register notifies the Smart Power working status
WATCHDOG REFRESH [13.4.19]
R/W
0x0F
This register is used to refresh the watchdog in order
to prevent system reset
WAKE UP SOURCES [13.4.5]R
0x11
This register contains a snapshot of system status at
startup
LAMP LIN GENERAL STATUS [13.4.6]
R
0x12
This register contains diagnostic data
PH-SENSE [13.4.7]
R
0x13
This register contains the last phase measurement
WD_TS_RES_CNT [13.4.8]
R
0x14
Watch dog and thermal shutdown reset count
DEVICE INFO [13.4.9]
R
0x1F Device ID, silicon revision, device settings
Table 41. SPI register (continued)
Register
R/W
ID
Description
Table 42. Register read operation
SPI TX message (MOSI)
SPI RX message (MISO)
Bit
Description
Bit
Description
23
0 (Read cmd)
23-15
GSW
22-18
Read Register ID
14
Parity
17-15
0 - Reserved
13-0
Data
14
Parity (odd)
-
-
13-0
0x0A5 for read and clear
operation
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com