Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 16Page - STMicroelectronics L9912L Datasheet HTML 17Page - STMicroelectronics L9912L Datasheet HTML 18Page - STMicroelectronics L9912L Datasheet HTML 19Page - STMicroelectronics L9912L Datasheet HTML 20Page - STMicroelectronics L9912L Datasheet HTML 21Page - STMicroelectronics L9912L Datasheet HTML 22Page - STMicroelectronics L9912L Datasheet HTML 23Page - STMicroelectronics L9912L Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
Electrical specifications
L9912L
20/84
DocID029641 Rev 2
5.3.5
Pin “LIN/BSS”
This pin can be used for both LIN and BSS communication protocols. In order to allow the
pin sharing between LIN and BSS protocol (the internal pull-up resistor necessary for LIN is
not used by BSS protocol), it is necessary to select the desired protocol using the
PROT_SEL pin, RC pin and control internal pull-up resistor by bit 4 of SPI register 0x08.
Because of the internal pull-up resistor, when not used (no LIN or BSS protocol) the pin
should be left open and the “wake-up by LIN” function must be disabled by SPI.
LIN general requirements:
Speed communication up to 20 kbit/s (100 kbit/s for Flash).
LIN 2.1 compliant (SAEJ2602 compatible) transceiver.
Functional range from +40 V to -18 V DC at LIN/BSS pin.
GND disconnection fail safe at module level.
Off mode: does not disturb network.
GND shift operation at system level.
Micro controller interface with CMOS compatible I/O pins.
ESD: Immunity against automotive transients per ISO7637 specification
Matched output slopes and propagation delay
In order to further reduce the current consumption in standby mode, the integrated LIN
bus interface offers an ultra low current consumption.
5
IPSELPU Pull-up current
Active mode
RPSEL current when pull-up to
internal 3.3-V power rail
V(PROT_SEL)=V(GND)
--33
-
μA
6
IPSELPD Pull-down current
Power Stand-by mode
RPSEL current when pull-down to
GND
V(PROT_SEL) = VDD
-33
-
μA
Table 12. Electrical characteristics pin “PROT_SEL” (continued)
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 13. Electrical characteristics pin PROT_SEL and RC pin protocol
PROT_SEL PIN level
RC PIN level
PROTOCOL SELECTED
Low
Low
LIN
Low
High (through ext pull-up resistor)
BSS
High
High (through ext pull-up resistor
for PCM and C-Term)
Low (for RVC)
All other protocols
High
High
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com