Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 19Page - STMicroelectronics L9912L Datasheet HTML 20Page - STMicroelectronics L9912L Datasheet HTML 21Page - STMicroelectronics L9912L Datasheet HTML 22Page - STMicroelectronics L9912L Datasheet HTML 23Page - STMicroelectronics L9912L Datasheet HTML 24Page - STMicroelectronics L9912L Datasheet HTML 25Page - STMicroelectronics L9912L Datasheet HTML 26Page - STMicroelectronics L9912L Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
DocID029641 Rev 2
23/84
L9912L
Electrical specifications
83
15 Ibus_PAS_do
m
Input leakage current
at the receiver with
pull-up resistor
V(A+/B+) =12 V
[0x08].4 = LIN_PU_DIS = b0
V(TxD) = VTXDHIGH
V(LIN/BSS) = V(GND)
-1
-
-
mA
16 Ibus_PAS_No
PU_dom
Input leakage current
at the receiver w/o
pull-up resistor
V(A+/B+) =12 V
[0x08].4 = LIN_PU_DIS = b1
V(TxD) = VTXDHIGH
V(LIN/BSS) = V(GND)
-0.85
-
-
mA
17 Ibus_PAS_rec
Transmitter input
current in recessive
state
V(TxD) = VTXDHIGH
V(LIN/BSS) > 8 V
V(A+/B+) < 33 V
V(A+/B+)≤V(LIN/BSS)<V(A+/
B+)+0.3
-
-
20
µA
18 Ibus_NO_GND
Input current in case
of device GND loss
V(A+/B+)=V(GND) = 12 V
0 V < V(LIN/BSS) < 33 V
0-
2
mA
19
Ibus
Input current in case
of device A+/B+ loss
V(A+/B+) = V(GND)
0 V < V(LIN/BSS) < 33 V
--
3.5
mA
LIN/BSS transmitter
20
VLINdom
LIN/BSS bus voltage
level in dominant state
V(TxD)=VTXDLOW
I(LIN/BSS) = 40 mA
-
-
1.35
V
21
VLINrec
LIN/BSS bus voltage
level in recessive
state
V(A+/B+) =12 V
V(TxD) = VTXDHIGH
I(LIN/BSS) = -10 µA
0.8
V(A+/B+)
--
V
22
RLINup
LIN/BSS bus pull up
resistor
V(LIN/BSS) = V(GND)
20
40
60
k
LIN/BSS timing
23
SRf
LIN/BSS bus slew rate
falling edge
V(A+/B+)=12V
From 20% to 80% of
V(LIN/BSS)
(Rbus,Cbus) = (1 kΩ, 1 nF)
12
3
V/µs
24
tRXpd
LIN/BSS-to-RxD
receiver
tRXDpdf=t[0,5*V(RxD)] -
t[0,45*V(LIN/BSS)]
tRXDpdr=t[0,5*V(RxD)]-
t[0,55*V(LIN/BSS)]
tRXDpd=max(tRXDpdr, tRXDpdf)
CRXD = 20 pF
V(A+/B+) = 12 V
(Rbus,Cbus) = (1 kΩ,1 nF),
(660 Ω,6.8 nF), (500 Ω,10nF)
--
6
µs
25
tRXDpd_sym
tRXDpd symmetry
(tRXDpdr Vs. tRXDpdf)
tRXpd_sym = tRXpdr –
tRXpdf
-4
-
4
µs
Table 14. Electrical characteristics pin "LIN/BSS" (continued)
\
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com