Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 19 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 15Page - STMicroelectronics L9912L Datasheet HTML 16Page - STMicroelectronics L9912L Datasheet HTML 17Page - STMicroelectronics L9912L Datasheet HTML 18Page - STMicroelectronics L9912L Datasheet HTML 19Page - STMicroelectronics L9912L Datasheet HTML 20Page - STMicroelectronics L9912L Datasheet HTML 21Page - STMicroelectronics L9912L Datasheet HTML 22Page - STMicroelectronics L9912L Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
DocID029641 Rev 2
19/84
L9912L
Electrical specifications
83
A similar block is used to bring A+ pin voltage to AIN5 microcontroller analog input.
5.3.3
Pin “IGNIT”
The IGNIT pin is an input used as additional signal to wake-up the device. The signal
applied to IGNIT is compared to a threshold VIGNITdetx to manage the device wake-up. If
not used this pin must be tied to GND.
5.3.4
Pin “PROT_SEL”
This pin is used together with RC to select the used protocol.The pull-up resistor present in
Active mode is turned into pull-down one in power stand-by mode to limit current consump-
tion.
Table 10. Electrical characteristics pin "SENSE"
#
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
1
αS
Resistor divider attenuation
[0x2].12 = SEL24V_EN = 0
3.96
4
4.04
V/V
[0x2].12 = SEL24V_EN = 1
7.925
8
8.069
V/V
2
εS
Resistor divider accuracy
[0x2].12 = SEL24V_EN = 1
-
-
0.9
%
3fSp
Pole frequency
-
520
860
1570
Hz
Table 11. Electrical characteristics pin “IGNIT”
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VIGNITdet1
24-V threshold input voltage [0x2].12 = SEL24V_EN = b1
11
13
15
V
2VIGNITdet2 12-V threshold input voltage [0x2].12 = SEL24V_EN = b0
6
8
10
V
3
IGNITpull-dw Pull-down current
28 V<(IGNIT) ≤ VIGNITdet2
-
20
250
µA
Table 12. Electrical characteristics pin “PROT_SEL”
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1
VPSELL Low level input voltage
-
-
-
1.3
V
2
VPSELH High level input voltage
-
2.3
-
VDD
V
3
VPSELHyst Input hysteresis
-
-
0.4
-
V
4
RPSEL
Pull-up/pull-down resistor
Active mode
Pull-up to internal 3.3-V power rail
V(PROT_SEL) = V(GND)
RPSEL = -3.3 V/I(PROT_SEL)
-100
-
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com