Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 25Page - STMicroelectronics L9912L Datasheet HTML 26Page - STMicroelectronics L9912L Datasheet HTML 27Page - STMicroelectronics L9912L Datasheet HTML 28Page - STMicroelectronics L9912L Datasheet HTML 29Page - STMicroelectronics L9912L Datasheet HTML 30Page - STMicroelectronics L9912L Datasheet HTML 31Page - STMicroelectronics L9912L Datasheet HTML 32Page - STMicroelectronics L9912L Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
DocID029641 Rev 2
29/84
L9912L
Electrical specifications
83
5.3.10
Pin "DRAIN" and "SOURCE"
The device monitors the voltage between pins DRAIN and SOURCE in order to provide
short circuit protection to the external Power MOS.
When the gate-to-source voltage exceeds the VGSth value, the monitoring of the drain-to-
source voltage becomes active and in case the voltage drop over the external power MOS
exceeds the threshold voltage VSCdx the gate driver will automatically switch the external
MOS transistor off and the corresponding drain-to-source monitoring flag will be set in the
SPI (bit 9 of read register 0x12 [13.4.6]). In order to turn the external MOS driver back on,
the µC needs to read (and then clear) the diagnostic bit.
Figure 9. External MOS short circuit protection
The threshold voltage VSCdx can be programmed in 4 steps between 0.5 V and 2 V with the
SPI (write register 0x03).
The drain source monitoring has a filter time Tscfilter and is only active when the
corresponding gate driver is in source condition.
Table 20. Electrical characteristics pin "DRAIN" and "SOURCE"
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VSCd1
Drain-to source voltage
threshold 1
-0.4
0.5
0.6
V
2VSCd2
Drain-to source voltage
threshold 2
-0.9
1.0
1.1
V
3VSCd3
Drain-to source voltage
threshold 3
-
1.35
1.5
1.65
V
4VSCd4
Drain-to source voltage
threshold 4
-1.8
2.0
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com