Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 38Page - STMicroelectronics L9912L Datasheet HTML 39Page - STMicroelectronics L9912L Datasheet HTML 40Page - STMicroelectronics L9912L Datasheet HTML 41Page - STMicroelectronics L9912L Datasheet HTML 42Page - STMicroelectronics L9912L Datasheet HTML 43Page - STMicroelectronics L9912L Datasheet HTML 44Page - STMicroelectronics L9912L Datasheet HTML 45Page - STMicroelectronics L9912L Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
Electrical specifications
L9912L
42/84
DocID029641 Rev 2
5.3.17
VREF_ADC
At VREF_ADC pad of the smart power it is available a precise voltage supplied to the AIN2
pin of the microcontroller [12] to allow a software calibration of the conversion obtained with
the ADC.
Figure 19. Internal voltage reference for ADC
Table 26. Electrical characteristics pin "RC"
#
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
1VRCHTh1(1) High level threshold voltage 1 -
3.1
3.3
3.5
V
2VRCLTh1(1)
Low level threshold voltage 1
(SPI configurable)
-
1.3
1.5
1.7
V
3VRChyst1
Voltage threshold hysteresis 1 -
-
1.8
-
V
4VRCHTh2 (1) High level threshold voltage 2 SPI default
3.1
3.3
3.5
V
5VRCLTh2(1)
Low level threshold voltage 2
(SPI configurable)
SPI default
2.3
2.5
2.7
V
6VRChyst2
Voltage threshold hysteresis 2 SPI default
-
0.8
-
V
7VRCLTh_WU
Low level threshold voltage for
wake-up
Power stand-by mode
RC falling edge wake-up
2.3
2.5
2.7
V
8VRCHTh_WU
High level threshold voltage for
wake-up
Power stand-by mode
RC rising edge wake-up
3.1
3.3
3.5
V
9fRCVR
Valid frequency range
-
100
-
500
Hz
10
tRCMIN
Communication rejected with
tON or tOFF < tRCMIN
-10
20
35
µs
1. VRCHThx and VRCLThx parameters are in tracking
Table 27. Electrical characteristics “VREF_ADC”
#
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
1VREFADC
Output voltage
-
4.257
4,3
4.343
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com