Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 57 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 53Page - STMicroelectronics L9912L Datasheet HTML 54Page - STMicroelectronics L9912L Datasheet HTML 55Page - STMicroelectronics L9912L Datasheet HTML 56Page - STMicroelectronics L9912L Datasheet HTML 57Page - STMicroelectronics L9912L Datasheet HTML 58Page - STMicroelectronics L9912L Datasheet HTML 59Page - STMicroelectronics L9912L Datasheet HTML 60Page - STMicroelectronics L9912L Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
DocID029641 Rev 2
57/84
L9912L
SPI interface
83
13
SPI interface
SPI interface is the communication channel between the microcontroller (Master) and the
Smart Power (Slave).
It consists of an input shift register, an output shift register and four control signals. MOSI
(Master Output Slave Input) is the data input line for the Smart Power input shift register.
MISO (Master Input Slave Output) is the data output line from the Smart Power output shift
register. SCK is the clock source input while CSN is the active low chip select input.
13.1
SPI protocol
All SPI communications are executed in exact 24-bit increments. The EPONA contains a
data validation method through the SCK input to avoid transmission with a bit number not
equal to 24 bits from being written to the device. The SCK input counts the number of
received clocks and should the clock counter exceed or count fewer than 24 clocks, the
received message is discarded without changes to internal registers.
The general format of the 24 bit transmission frame for SPI interface is shown here below:
Data to the device (i.e. MOSI) consists of:
Data returned from the device (i.e. MISO) consists of:
The communications is controlled through CSN, enabling and disabling communication.
When CSN is at logic high, all SPI communication I/O is tri-stated and no data is accepted.
On the falling edge of CSN the data to be transmitted on MISO are latched and therefore the
Bit Position
23 22
21 20 19 18 17 16 15
14
13 12 11 10 9 8 7 6 5 4 3 2 1 0
GSW
RPAR
Data Bits
MISO
R/W
ADDR
RESERVED WPAR
Data Bits
MOSI
R/W Read/Write selection bit
ADDR [4-0] Register address bits
RESERVED -
WPAR Parity bit
DATA [13-0]
In write operation these bit are the data to be written to the destination register; in read
operation these bits define a key (0x0A5) to enable the read and clear feature of some
bits
GSW Global Status word
RPAR Parity bit
DATA [13-0] Data bit read from the addressed register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com