Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9912L Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9912L
Description  Automotive vehicle conform car alternator regulator IC with LIN
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9912L Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9912L Datasheet HTML 61Page - STMicroelectronics L9912L Datasheet HTML 62Page - STMicroelectronics L9912L Datasheet HTML 63Page - STMicroelectronics L9912L Datasheet HTML 64Page - STMicroelectronics L9912L Datasheet HTML 65Page - STMicroelectronics L9912L Datasheet HTML 66Page - STMicroelectronics L9912L Datasheet HTML 67Page - STMicroelectronics L9912L Datasheet HTML 68Page - STMicroelectronics L9912L Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
DocID029641 Rev 2
65/84
L9912L
SPI interface
83
13.4.6
LAMP LIN GENERAL STATUS register [0x12]
This register returns system status flags:
0: the notification is not present
1: the notification is present. The register read operation clears the notification
Table 46. LAMP LIN GENERAL STATUS register [0x12]
Bit
Register name
Reset
value
Description
13 LIN_PERM_DOM
0 (RC)
LIN Permanent Dominant
12 LIN_TXD_DOM
0 (RC)
LIN Dominant TXD
11 LIN_PERM_REC
0 (RC)
LIN Permanent Recessive
10 PHO_OC [5.3.18]
0 (RC)
Phase out overcurrent (low side or high side)
9
EXTP_OC(1) [5.3.10]
1. A driver is immediately switched off at the occurrence of an overcurrent event and remains “locked” until
the suitable restore procedure is applied:
- Switch the output off with the relevant SPI command (L, LHC and DFM) or remove the excitation signal
(power MOS)
- Clear the alarm flags with the read and clear command
- Switch the output on with the relevant SPI command (L, LHC and DFM) or apply the excitation signal (power MOS)
0 (RC)
External MOS overcurrent
8
CP_LOW [5.3.19]
1 (RC)
Low Voltage on CP pin
After a wakeup this bit is 1 because the
CP_ENABLE (bit 11 of register 0x03
[13.4.12]) has not yet been set.
To clear this bit, the CP_ENABLE must be set,
then the status register must be read with the
clear option after a suitable time interval.
7
APLUS_OV [5.3.1]
0 (RC)
Overvoltage A+
6
APLUS_UV
0 (RC)
Undervoltage A+
5
THSD
0 (RC)
Overtemperature(2)
2. The over-temperature condition automatically causes a power off (thermal shutdown): the THSD bit can be
read by the microcontroller at power up in order to know the history of the system; if the bit is set it means
that the previous power off was caused by an over-temperature occurrence.
4DFM_OC(1)
0 (RC)
Over current DFM (high side or low side
driver)
3
L_HS_OC(1) [5.3.13]
0 (RC)
L High side driver overcurrent
2
L_LS_OC (1)[5.3.13]
0 (RC)
L Low side driver overcurrent
1
LHC_HS_OC(1)
0 (RC)
LHC High side driver overcurrent
0
LHC_LS_OC(1)
0 (RC)
LHC Low side driver overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com